データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MRF917T1 データシート(PDF) 5 Page - Motorola, Inc

部品番号 MRF917T1
部品情報  LOW NOISE HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF917T1 データシート(HTML) 5 Page - Motorola, Inc

  MRF917T1 Datasheet HTML 1Page - Motorola, Inc MRF917T1 Datasheet HTML 2Page - Motorola, Inc MRF917T1 Datasheet HTML 3Page - Motorola, Inc MRF917T1 Datasheet HTML 4Page - Motorola, Inc MRF917T1 Datasheet HTML 5Page - Motorola, Inc MRF917T1 Datasheet HTML 6Page - Motorola, Inc MRF917T1 Datasheet HTML 7Page - Motorola, Inc MRF917T1 Datasheet HTML 8Page - Motorola, Inc MRF917T1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MRF917T1
MOTOROLA RF DEVICE DATA
– j0.2
– j0.5
– j1.0
– j2.0
0.2
0.5
1.0
2.0
j1.0
j2.0
j0.5
j0.2
j1.0
j2.0
j0.5
j0.2
– j0.2
– j0.5
– j1.0
– j2.0
0.2
0.5
1.0
2.0
Γopt
10.0
10.8
2.4
1.7
2.2
1.8
2.5
14.0
12.0
1.6
Γopt
10.0
16.0
16.4
2.3
2.6
3.0
4.0
9.0
8.0
7.0
Figure 11. Constant Gain and Noise Figure Contours
— Potentially Unstable
f (MHz)
NF OPT (dB)
RN
K
500
1.60
19
0.67
ΓMS NF OPT
0.39
é 52°
VCE = 3.0 V
IC = 3.0 mA
Figure 12. Constant Gain and Noise Figure Contours
f (MHz)
NF OPT (dB)
RN
K
1000
2.30
15
1.09
ΓMS NF OPT
0.29
é 110°
VCE = 3.0 V
IC = 3.0 mA


同様の部品番号 - MRF917T1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF9100LR3 FREESCALE-MRF9100LR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9100LSR3 FREESCALE-MRF9100LSR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9100R3 MOTOROLA-MRF9100R3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100SR3 MOTOROLA-MRF9100SR3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
More results

同様の説明 - MRF917T1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MRF927T1 MOTOROLA-MRF927T1 Datasheet
165Kb / 12P
   LOW NOISE HIGH FREQUENCY TRANSISTOR
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Leshan Radio Company
L2SC5635LT1G LRC-L2SC5635LT1G Datasheet
1Mb / 3P
   High-Frequency Amplifier Transistor High gain,low noise
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
   Silicon NPN Transistor High Frequency, Low Noise RF
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifier
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
   High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com