データシートサーチシステム |
|
BU28SA4WGWL データシート(PDF) 4 Page - Rohm |
|
BU28SA4WGWL データシート(HTML) 4 Page - Rohm |
4 / 37 page Datasheet Datasheet 4/34 TSZ02201-0RBR0A300100-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 2013.04.04 Rev.001 www.rohm.com TSZ22111・15・001 BUxxSA4 series ●Electrical Characteristics (Unless otherwise noted, Ta=-25℃, VIN=VOUT+1.0V (*6), VSTBY=1.5V, Cin=1μF, Cout=1μF.) PARAMETER Symbol Limit Unit Conditions MIN. TYP. MAX. Output Voltage 1 VOUT1 VOUT ×0.994 VOUT VOUT ×1.006 V IOUT = 10 μA, VOUT≧2.5V VOUT -15mV VOUT +15mV IOUT = 10 μA, VOUT<2.5V Output Voltage 2 VOUT2 VOUT ×0.98 VOUT VOUT ×1.02 V IOUT=0 to 200mA, VOUT≧2.5V VIN=VOUT+0.5 to 5.5V Ta=-40 to +85℃ (*3,4,5) VOUT -50mV VOUT +50mV IOUT=0 to 200mA, VOUT<2.5V VIN=3.0 to 5.5V Ta=-40 to +85℃ (*3,4,5) Circuit Current 1 IGND1 - 40 65 μA IOUT=0mA Circuit Current 2 IGND2 - 40 80 μA Ta=-40 to +85℃ (*4), IOUT=0mA Circuit Current (STBY) ICCST - - 1.0 μA STBY=0V Ripple Rejection Ratio1 RR1 - 70 - dB VRR=-20dBv,fRR=1kHz,IOUT=10mA Ripple Rejection Ratio2 RR2 - 55 - dB VRR=-20dBv,fRR=10kHz,IOUT=10mA Ripple Rejection Ratio3 RR3 - 45 - dB VRR=-20dBv,fRR=100kHz,IOUT=10mA Dropout Voltage VDROP - 80 150 mV VIN=0.98×VOUT, IOUT=100mA Ta=-40 to +85℃, VOUT≧2.5V - 150 360 mV VIN=0.98×VOUT, IOUT=100mA Ta=-40 to +85℃, VOUT<2.5V Load transient resp. VLOT - ±65 - mV Io=1 to 150mA,Trise=Tfall=1μs, VIN=VOUT+1.0V (*4) Line Transient resp. VLIT - ±5 - mV VIN=VOUT+0.5 to VOUT+1.0V, Trise=Tfall=10μs Output noise voltage VNOIS - 30 - μVrms Bandwidth 10 to 100kHz Startup time TST - 100 300 μsec Output voltage settled within tolerancies Line Regulation VDLI - 2 8 mV IOUT=10mA VIN=VOUT+0.5 to 5.5V (*5) Load Regulation1 VDLO1 - 2 8 mV IOUT=1 to 100mA Load Regulation2 VDLO2 - 4 16 mV IOUT=1 to 200mA Maximum Output Current IOMAX 200 - - mA VIN=VOUT+1.0V (*6) Limit Current ILMAX 250 400 - mA Vo=VOUT×0.98 Short Current ISHORT - 100 200 mA Vo=0V STBY Pin Current ISTBY - - 4.0 μA Ta=-40 to +85℃ STBY Control Voltage ON VSTBH 1.1 - VIN V OFF VSTBL -0.2 - 0.5 V (*3) Operating conditions are limited by Pd. (*4) Typical values apply for Ta=25℃. (*5) VIN=3.0V to 5.0V for VOUT<2.5V. (*6) VIN=3.5V for VOUT<2.5V. |
同様の部品番号 - BU28SA4WGWL |
|
同様の説明 - BU28SA4WGWL |