データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZP63QG データシート(PDF) 9 Page - Arizona Microtek, Inc

部品番号 AZP63QG
部品情報  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZM [Arizona Microtek, Inc]
ホームページ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP63QG データシート(HTML) 9 Page - Arizona Microtek, Inc

Back Button AZP63QG Datasheet HTML 4Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 5Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 6Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 7Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 8Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 9Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 10Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 11Page - Arizona Microtek, Inc AZP63QG Datasheet HTML 12Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Arizona Microtek, Inc.
AZP63
Low Phase Noise Sine Wave CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
9
Request a Sample
Mar 2013, Rev 2.2
Table 5 - DC Characteristics
DC Characteristics (VDD = 3.0V to 3.6V unless otherwise specified, TA = -40 to 85
°C)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-40 C
VDD = 3.3V
2.2
2.45
V
25 C
2.2
2.45
85 C
2.2
2.45
VOL
Output LOW Voltage
1
-40 C
VDD = 3.3V
1.4
1.68
V
25 C
1.4
1.68
85 C
1.4
1.68
IZ
Output Leakage Current,
Tri-state
2
EN=Disable
-10
10
μA
VIH
High Level Input Voltage
EN_SEL
2
V
DIV_SEL
VIL
Low Level Input Voltage
EN
0.8
V
IPU
Pullup Current
EN_SEL
2.2
μA
IPD
Pulldown Current
DIV_SEL
-2.2
μA
IP
Pullup/Pulldown Current
EN
±2.2
μA
RBIAS
Bias Resistor
D Input to Internal V
DD/2
Reference
10k
Ω
IDD
Power Supply Current
64
70
mA
IDDSW
Power Supply Current Fast
Switching
1,3,4
Input Freq >1GHz
88
mA
IDDZ
Power Supply Current
Outputs Tri-State
1
D Input ≤ V
IL EN=Disables
8
mA
1 Specified with outputs terminated through 50
Ω resistors to V
DD - 2V or Thevenin equivalent.
2 Measured at Q /
Q pins.
3 Includes load current through external 50
Ω resistors to V
DD - 2V
4 Current measured in
÷1 mode, D and Q /Q pins switching at
1000MHz


同様の部品番号 - AZP63QG

メーカー部品番号データシート部品情報
logo
Arizona Microtek, Inc
AZP63QG AZM-AZP63QG Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

同様の説明 - AZP63QG

メーカー部品番号データシート部品情報
logo
Arizona Microtek, Inc
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com