データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU45K262 データシート(PDF) 1 Page - Rohm

部品番号 BU45K262
部品情報  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU45K262 データシート(HTML) 1 Page - Rohm

  BU45K262 Datasheet HTML 1Page - Rohm BU45K262 Datasheet HTML 2Page - Rohm BU45K262 Datasheet HTML 3Page - Rohm BU45K262 Datasheet HTML 4Page - Rohm BU45K262 Datasheet HTML 5Page - Rohm BU45K262 Datasheet HTML 6Page - Rohm BU45K262 Datasheet HTML 7Page - Rohm BU45K262 Datasheet HTML 8Page - Rohm BU45K262 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
14
001
1/14
17.May.2013 Rev.003
Datasheet
Voltage Detector IC Series
Counter Timer Built-in
CMOS Voltage Detector IC
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
General Description
ROHM’s BU45xxxxx and BU46xxxxx series are highly
accurate, low current consumption voltage detector IC
series. Because the counter timer delay circuit is built-in,
an external capacitor for the delay time setting is
unnecessary. Two output types are available (Nch open
drain and CMOS output) and detection voltages range
from 2.3V to 4.8V in increments of 0.1V with fixed delay
time of 200ms and 400ms, that may be selected
according to application.
Features
Counter Timer Built-in
No delay time setting capacitor required
Low current consumption
Two output types (Nch open drain and CMOS output)
Package SSOP3 is similar to SOT-23-3 (JEDEC)
Key Specifications
Detection voltage:
2.3V to 4.8V (Typ.)
0.1V steps
High accuracy detection voltage:
±1.0%
Low current consumption:
2.3µA (Typ.)
Operating temperature range:
-40°C to +105°C
Two internal, fixed delay time:
200ms
400ms
Package
SSOP3
2.92mm x 2.80mm x 1.25mm
Applications
Circuits using microcontrollers or logic circuits that require
a reset
Typical Application Circuit
Connection Diagram
Pin Descriptions
BU45KxxxG / BU46KxxxG
BU45LxxxG / BU46LxxxG
PIN No.
Symbol
Function
1
GND
GND
2
VOUT
Reset Output
3
VDD
Power Supply Voltage
PIN No.
Symbol
Function
1
VOUT
Reset Output
2
VDD
Power Supply Voltage
3
GND
GND
Open Drain Output Type
BU45xxxxx series
CMOS Output Type
BU46xxxxx series
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays.
VDD1
VDD2
GND
BU45 xxxxx
CL
Noise-filtering
Capacitor
RL
RST
Micro
controller
TOP VIEW
SSOP3
BU45K
xxx
xxx
xxx
xxx
G
BU46K
xxx
xxx
xxx
xxx
G
1
2
3
VOUT
VDD
GND
CL
Noise-filtering
Capacitor
VDD1
GND
BD46 xxxxx
RST
Micro
controller
BU45L
xxx
xxx
xxx
xxx
G
BU46L
xxx
xxx
xxx
xxx
G
1
2
3
GND
VOUT
VDD


同様の部品番号 - BU45K262

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BU4506 PHILIPS-BU4506 Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506 PHILIPS-BU4506 Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506AF PHILIPS-BU4506AF Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
logo
Inchange Semiconductor ...
BU4506AF ISC-BU4506AF Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4506AX PHILIPS-BU4506AX Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
More results

同様の説明 - BU45K262

メーカー部品番号データシート部品情報
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com