データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB564AG データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KSB564AG
部品情報  Audio Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB564AG データシート(HTML) 1 Page - Fairchild Semiconductor

  KSB564AG Datasheet HTML 1Page - Fairchild Semiconductor KSB564AG Datasheet HTML 2Page - Fairchild Semiconductor KSB564AG Datasheet HTML 3Page - Fairchild Semiconductor KSB564AG Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1.0
A
PC
Collector Power Dissipation
800
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -100µA, IE=0
-30
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB=0
-25
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -100µA, IC=0
-5
V
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-0.1
µA
hFE
DC Current Gain
VCE= -1V, IC= -100mA
70
400
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -1A, IB= -0.1A
-0.5
V
VBE (sat)
Base-Emitter Saturation Voltage
IC= -1A, IB= -0.1A
-1.2
V
fT
Current Gain Bandwidth Product
VCE= -6V, IC= -10mA
110
MHz
Cob
Output Capacitance
VCB= -6V, IE=0, f=1MHz
18
pF
Classification
O
Y
G
hFE
70 ~ 140
120 ~ 240
200 ~ 400
KSB564A
Audio Frequency Power Amplifier
• Complement to KSD471A
• Collector Current : IC = -1A
• Collector Power Dissipation : PC = 800mW
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
1. Emitter 2. Base 3. Collector
TO-92
1


同様の部品番号 - KSB564AG

メーカー部品番号データシート部品情報
logo
SHENZHEN YONGERJIA INDU...
KSB564A WINNERJOIN-KSB564A Datasheet
126Kb / 1P
   TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
KSB564A FOSHAN-KSB564A Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KSB564A JIANGSU-KSB564A Datasheet
393Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
More results

同様の説明 - KSB564AG

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com