データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB794 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KSB794
部品情報  Audio Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB794 データシート(HTML) 1 Page - Fairchild Semiconductor

  KSB794 Datasheet HTML 1Page - Fairchild Semiconductor KSB794 Datasheet HTML 2Page - Fairchild Semiconductor KSB794 Datasheet HTML 3Page - Fairchild Semiconductor KSB794 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
PNP Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤300µs, Duty Cycle≤10%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2% Pulsed.
hFE Classificntion
Symbol
Parameter
Value
Units
VCBO
Collector-Base Volage
: KSB794
: KSB795
- 60
- 80
V
V
VCEO
Collector-Emitter Volage
: KSB794
: KSB795
- 60
- 80
V
V
VEBO
Emitter-Base Voltage
- 8
V
IC
Collector Current (DC)
- 1.5
A
ICP
*Collector Current (Pulse)
- 3
A
IB
Base Current (DC)
- 0.15
A
PC
Collector Dissipation (Ta=25°C)
1
W
PC
Collector Dissipation (TC=25°C)
10
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
ICBO
Collector Cut-off Current
VCB = - 60V, IE = 0
- 10
µA
ICER
Collector Cut-off Current
VCE = - 60V, RBE = 51Ω @ TC= 125°C
- 1
mA
ICEX1
Collector Cut-off Current
VCE = - 60V, VBE (off) = 1.5V
- 10
µA
ICEX2
Collector Cut-off Current
VCE = - 60V, VBE (off) = 1.5V
@ TC= 125°C
-1
mA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 1
mA
hFE1
hFE2
* DC Current Gain
VCE = - 2V, IC = - 0.5A
VCE = - 2V, IC = - 1A
1000
2000
30000
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 1A, IB = - 1mA
-1.5
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 1A, IB = - 1mA
- 2
V
Classification
R
O
Y
hFE2
2000 ~ 5000
4000 ~ 10000
8000 ~ 30000
KSB794/795
Audio Frequency Power Amplifier
• Low Speed Switching Industrial Use
R1.= 10 k
R2.= 500
1
TO-126
1. Emitter
2.Collector
3.Base


同様の部品番号 - KSB794

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSB798 FAIRCHILD-KSB798 Datasheet
42Kb / 4P
   Audio Frequency Power Amplifier
KSB798 FAIRCHILD-KSB798 Datasheet
434Kb / 5P
   PNP Epitaxial Silicon Transistor
KSB798 FAIRCHILD-KSB798_05 Datasheet
434Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

同様の説明 - KSB794

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com