データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5629R データシート(PDF) 9 Page - Analog Devices

部品番号 AD5629R
部品情報  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5629R データシート(HTML) 9 Page - Analog Devices

Back Button AD5629R Datasheet HTML 5Page - Analog Devices AD5629R Datasheet HTML 6Page - Analog Devices AD5629R Datasheet HTML 7Page - Analog Devices AD5629R Datasheet HTML 8Page - Analog Devices AD5629R Datasheet HTML 9Page - Analog Devices AD5629R Datasheet HTML 10Page - Analog Devices AD5629R Datasheet HTML 11Page - Analog Devices AD5629R Datasheet HTML 12Page - Analog Devices AD5629R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5629R/AD5669R
Rev. B | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREFIN/VREFOUT to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ MAX)
+150°C
Power Dissipation
(TJ MAX − TA)/θJA
Thermal Impedance, θJA
16-Lead TSSOP (4-Layer Board)
112.6°C/W
16-Lead LFCSP (4-Layer Board)
30.4°C/W
Reflow Soldering Peak Temperature
Pb Free
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


同様の部品番号 - AD5629R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RACPZ-2-RL7 AD-AD5629RACPZ-2-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RACPZ-3-RL7 AD-AD5629RACPZ-3-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RARUZ-1 AD-AD5629RARUZ-1 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RARUZ-1-RL7 AD-AD5629RARUZ-1-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
More results

同様の説明 - AD5629R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com