データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA78M05 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 KA78M05
部品情報  3-Terminal 0.5 A Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M05 データシート(HTML) 2 Page - Fairchild Semiconductor

  KA78M05 Datasheet HTML 1Page - Fairchild Semiconductor KA78M05 Datasheet HTML 2Page - Fairchild Semiconductor KA78M05 Datasheet HTML 3Page - Fairchild Semiconductor KA78M05 Datasheet HTML 4Page - Fairchild Semiconductor KA78M05 Datasheet HTML 5Page - Fairchild Semiconductor KA78M05 Datasheet HTML 6Page - Fairchild Semiconductor KA78M05 Datasheet HTML 7Page - Fairchild Semiconductor KA78M05 Datasheet HTML 8Page - Fairchild Semiconductor KA78M05 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 1.1.0
2
Block Diagram
Figure 1. Block Diagram
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Notes:
2. Thermal resistance test board.
Size: 76.2 mm x 114.3 mm x 1.6 mm (1S0P)
JEDEC standard: JESD51-3, JESD51-7
3. Assume no ambient airflow.
Symbol
Parameter
Value
Unit
VI
Input Voltage (for VO = 5 V)
35
V
RθJC
Thermal Resistance, Junction-Case(2)
TO-220 (TC = +25°C)
2.5
°C/W
RθJA
Thermal Resistance, Junction-Air(2, 3)
TO-220 (TA = +25°C)
66
°C/W
D-PAK (TA = +25°C)
92
TOPR
Operating Junction Temperature Range
0 to +125
°C
TJ(MAX)
Maximum Junction Temperature Range
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
OUTPUT
3
R1
R2
GND
2
1
INPUT
SERIES
PASS
ELEMENT
SOA
PROTECTION
CURRENT
GENERATOR
STARTING
CIRCUIT
REFERENCE
VOLTAGE
ERROR
AMPLIFIER
THERMAL
PROTECTION


同様の部品番号 - KA78M05

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA78M05 FAIRCHILD-KA78M05 Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78M05 FAIRCHILD-KA78M05 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05R FAIRCHILD-KA78M05R Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78M05R FAIRCHILD-KA78M05R Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

同様の説明 - KA78M05

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com