データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA78M05TU データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 KA78M05TU
部品情報  3-Terminal 0.5 A Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M05TU データシート(HTML) 7 Page - Fairchild Semiconductor

  KA78M05TU Datasheet HTML 1Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 2Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 3Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 4Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 5Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 6Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 7Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 8Page - Fairchild Semiconductor KA78M05TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 1.1.0
7
Physical Dimensions (Continued)
Figure 8. TO220, MOLDED, 3-LEAD, NON-JEDEC VARIATION AB [DUAL GUAGE]
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/TO/TO220Y03.pdf.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/packing_dwg/PKG-TO220Y03.pdf.
TO-220 (DUAL GAUGE)


同様の部品番号 - KA78M05TU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA78M05 FAIRCHILD-KA78M05 Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78M05 FAIRCHILD-KA78M05 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05R FAIRCHILD-KA78M05R Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78M05R FAIRCHILD-KA78M05R Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

同様の説明 - KA78M05TU

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com