データシートサーチシステム |
|
AD1849KPZ データシート(PDF) 4 Page - Analog Devices |
|
AD1849KPZ データシート(HTML) 4 Page - Analog Devices |
4 / 28 page AD1849K REV. A –4– MONITOR MIX ATTENUATOR Min Typ Max Unit Step Size (0.0 dB to –60 dB) * 1.3 1.5 1.7 dB Step Size (–61.5 dB to –94.5 dB) * 1.0 1.5 2.0 dB Output Attenuation * –95 0.2 dB DAC ATTENUATOR Min Typ Max Unit Step Size (0.0 dB to –60 dB) 1.3 1.5 1.7 dB (Tested at Steps –1.5 dB, –19.5 dB, –39 dB and –60 dB) Step Size (–61.5 dB to –94.5 dB) * 1.0 1.5 2.0 dB Output Attenuation * –95 0.2 dB SYSTEM SPECIFICATIONS Min Typ Max Unit System Frequency Response * –0.5 +0.2 dB (Line In to Line Out, 0 to 0.45 × FS) Differential Nonlinearity * ±0.9 LSB Phase Linearity Deviation * 5 Degrees ANALOG OUTPUT Min Typ Max Unit Full-Scale Output Voltage (Line 0 & 1) 0.707 V rms [OLB = 1] 1.85 2.0 2.1 V p-p Full-Scale Output Voltage (Line 0) 1.0 V rms [OLB = 0] 2.8 V p-p Full-Scale Output Voltage (Line 1) 4.0 V p-p [OLB = 0] Full-Scale Output Voltage (Mono Speaker) 4.0 V p-p [OLB = 1] Full-Scale Output Voltage (Mono Speaker) 8.0 V p-p [OLB = 0] CMOUT Voltage (No Load) 1.80 2.25 2.50 V CMOUT Current Drive * 100 µA CMOUT Output Impedance 4 k Ω Mute Attenuation of 0 dB –80 dB Fundamental * (LINE 0, 1, and MONO) STATIC DIGITAL SPECIFICATIONS Min Max Unit High Level Input Voltage (VIH) Digital Inputs 2.4 (VDD+) + 0.3 V XTAL1/2I 2.4 (VDD+) + 0.3 V Low Level Input Voltage (VIL) –0.3 +0.8 V High Level Output Voltage (VOH) at IOH = –2 mA 2.4 V Low Level Output Voltage (VOL) at IOL = 2 mA 0.4 V Input Leakage Current –10 +10 µA (GO/NOGO Tested) Output Leakage Current –10 +10 µA (GO/NOGO Tested) *Guaranteed, not tested. |
同様の部品番号 - AD1849KPZ |
|
同様の説明 - AD1849KPZ |