データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8306AR データシート(PDF) 5 Page - Analog Devices

部品番号 AD8306AR
部品情報  Limiting-Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8306AR データシート(HTML) 5 Page - Analog Devices

  AD8306AR Datasheet HTML 1Page - Analog Devices AD8306AR Datasheet HTML 2Page - Analog Devices AD8306AR Datasheet HTML 3Page - Analog Devices AD8306AR Datasheet HTML 4Page - Analog Devices AD8306AR Datasheet HTML 5Page - Analog Devices AD8306AR Datasheet HTML 6Page - Analog Devices AD8306AR Datasheet HTML 7Page - Analog Devices AD8306AR Datasheet HTML 8Page - Analog Devices AD8306AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD8306
–5–
INPUT LEVEL – dBV
2.5
–120
2
1.5
1
0.5
0
–100
–80
–60
–40
–20
0
20
(–87dBm)
(+13dBm)
TA = +25 C
TA = +85 C
TA = –40 C
Figure 7. RSSI Output vs. Input Level, 100 MHz Sine In-
put, at TA = –40°C, +25°C and +85°C, Single-Ended Input
INPUT LEVEL – dBV
2.5
–120
2
1.5
1
0.5
0
–100
–80
–60
–40
–20
0
20
(–87dBm)
(+13dBm)
100MHz
50MHz
10MHz
Figure 8. RSSI Output vs. Input Level, at TA = +25°C, for
Frequencies of 10 MHz, 50 MHz and 100 MHz
INPUT LEVEL – dBV
2.5
–120
2
1.5
1
0.5
0
–100
–80
–60
–40
–20
0
20
(–87dBm)
(+13dBm)
200MHz
400MHz
300MHz
Figure 9. RSSI Output vs. Input Level, at TA = +25°C, for
Frequencies of 200 MHz, 300 MHz and 400 MHz
5
–120
4
3
2
1
0
–1
–2
–100
–80
–60
–40
–20
0
20
–3
–4
–5
(–87dBm)
(+13dBm)
INPUT LEVEL – dBV
(–87dBm)
TA = +25 C
TA = +85 C
TA = –40 C
Figure 10. Log Linearity of RSSI Output vs. Input Level,
100 MHz Sine Input, at TA = –40°C, +25°C, and +85°C
5
–120
4
3
2
1
0
–1
–2
–100
–80
–60
–40
–20
20
–3
–4
–5
–100
(+13dBm)
INPUT LEVEL – dBV
(–87dBm)
0
DYNAMIC RANGE
1dB
3dB
10MHz
86
93
50MHz
90
97
100MHz
96
100
100MHz
50MHz
10MHz
Figure 11. Log Linearity of RSSI Output vs. Input Level, at
TA = +25°C, for Frequencies of 10 MHz, 50 MHz and 100 MHz
5
–120
4
3
2
1
0
–1
–2
–100
–80
–60
–40
–20
20
–3
–4
–5
–100
(+13dBm)
INPUT LEVEL – dBV
(–87dBm)
0
DYNAMIC RANGE
1dB
3dB
200MHz
96
100
300MHz
90
100
400MHz
85
100
400MHz
300MHz
200MHz
Figure 12. Log Linearity of RSSI Output vs. Input Level,
at TA = +25°C, for Frequencies of 200 MHz, 300 MHz and
400 MHz


同様の部品番号 - AD8306AR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8306AR AD-AD8306AR Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
More results

同様の説明 - AD8306AR

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com