データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8572AR-REEL データシート(PDF) 3 Page - Analog Devices

部品番号 AD8572AR-REEL
部品情報  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8572AR-REEL データシート(HTML) 3 Page - Analog Devices

  AD8572AR-REEL Datasheet HTML 1Page - Analog Devices AD8572AR-REEL Datasheet HTML 2Page - Analog Devices AD8572AR-REEL Datasheet HTML 3Page - Analog Devices AD8572AR-REEL Datasheet HTML 4Page - Analog Devices AD8572AR-REEL Datasheet HTML 5Page - Analog Devices AD8572AR-REEL Datasheet HTML 6Page - Analog Devices AD8572AR-REEL Datasheet HTML 7Page - Analog Devices AD8572AR-REEL Datasheet HTML 8Page - Analog Devices AD8572AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8571/AD8572/AD8574
Rev. E | Page 3 of 24
SPECIFICATIONS
5 V ELECTRICAL CHARACTERISTICS
VS = 5 V, VCM = 2.5 V, VO = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
5
μV
−40°C ≤ TA ≤ +125°C
10
μV
Input Bias Current
IB
10
50
pA
AD8571/AD8574
−40°C ≤ TA ≤ +125°C
1.0
1.5
nA
AD8572
−40°C ≤ TA ≤ +85°C
160
300
pA
−40°C ≤ TA ≤ +125°C
2.5
4
nA
Input Offset Current
IOS
20
70
pA
AD8571/AD8574
−40°C ≤ TA ≤ +125°C
150
200
pA
AD8572
−40°C ≤ TA ≤ +85°C
30
150
pA
−40°C ≤ TA ≤ +125°C
150
400
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
120
140
dB
−40°C ≤ TA ≤ +125°C
115
130
dB
Large Signal Voltage Gain1
AVO
RL = 10 kΩ, VO = 0.3 V to 4.7 V
125
145
dB
−40°C ≤ TA ≤ +125°C
120
135
dB
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
0.005
0.04
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to GND
4.99
4.998
V
RL = 100 kΩ to GND @ −40°C to +125°C
4.99
4.997
V
RL = 10 kΩ to GND
4.95
4.98
V
RL = 10 kΩ to GND @ −40°C to +125°C
4.95
4.975
V
Output Voltage Low
VOL
RL = 100 kΩ to V+
1
10
mV
RL = 100 kΩ to V+ @ −40°C to +125°C
2
10
mV
RL = 10 kΩ to V+
10
30
mV
RL = 10 kΩ to V+ @ −40°C to +125°C
15
30
mV
Short-Circuit Limit
ISC
±25
±50
mA
−40°C to +125°C
±40
mA
Output Current
IO
±30
mA
−40°C to +125°C
±15
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
120
130
dB
−40°C ≤ TA ≤ +125°C
115
130
dB
Supply Current per Amplifier
ISY
VO = 0 V
850
975
μA
−40°C ≤ TA ≤ +125°C
1000
1075
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.4
V/μs
Overload Recovery Time
0.05
0.3
ms
Gain Bandwidth Product
GBP
1.5
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0 Hz to 10 Hz
1.3
μV p-p
0 Hz to 1 Hz
0.41
μV p-p
Voltage Noise Density
en
f = 1 kHz
51
nV/√Hz
Current Noise Density
in
f = 10 Hz
2
fA/√Hz
1 Gain testing is dependent upon test bandwidth.


同様の部品番号 - AD8572AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8572AR-REEL AD-AD8572AR-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572AR-REEL AD-AD8572AR-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8572AR-REEL7 AD-AD8572AR-REEL7 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572AR-REEL7 AD-AD8572AR-REEL7 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

同様の説明 - AD8572AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com