データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9248BCPZ-20 データシート(PDF) 4 Page - Analog Devices

部品番号 AD9248BCPZ-20
部品情報  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZ-20 データシート(HTML) 4 Page - Analog Devices

  AD9248BCPZ-20 Datasheet HTML 1Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 2Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 3Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 4Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 5Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 6Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 7Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 8Page - Analog Devices AD9248BCPZ-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9248
Rev. B | Page 4 of 48
Test
AD9248BST/BCP-20
AD9248BST/BCP-40
AD9248BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
MATCHING CHARACTERISTICS
Offset Error
(Nonshared Reference Mode)
25°C
I
±0.19
±1.56
±0.19
±1.56
±0.25
±1.74
% FSR
Offset Error
(Shared Reference Mode)
25°C
I
±0.19
±1.56
±0.19
±1.56
±0.25
±1.74
% FSR
Gain Error
(Nonshared Reference Mode)
25°C
I
±0.07
±1.43
±0.07
±1.43
±0.07
±1.47
% FSR
Gain Error
(Shared Reference Mode)
25°C
I
±0.01
±0.06
±0.01
±0.06
±0.01
±0.10
% FSR
1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2 Measured at maximum clock rate with a low frequency sine wave input and approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AVSS. Refer to Figure
for the equivalent analog input structure.
29
4 Measured with dc input at maximum clock rate.
5 Standby power is measured with the CLK_A and CLK_B pins inactive (that is, set to AVDD or AGND).


同様の部品番号 - AD9248BCPZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9248BCPZ-20 AD-AD9248BCPZ-20 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
AD9248BCPZ-20 AD-AD9248BCPZ-20 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

同様の説明 - AD9248BCPZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com