データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSD882G データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KSD882G
部品情報  Audio Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD882G データシート(HTML) 1 Page - Fairchild Semiconductor

  KSD882G Datasheet HTML 1Page - Fairchild Semiconductor KSD882G Datasheet HTML 2Page - Fairchild Semiconductor KSD882G Datasheet HTML 3Page - Fairchild Semiconductor KSD882G Datasheet HTML 4Page - Fairchild Semiconductor KSD882G Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2% Pulsed
hFE Classificntion
Symbol
Parameter
Value
Units
VCBO
Collector- Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter- Base Voltage
5
V
IC
Collector Current (DC)
3
A
ICP
*Collector Current (Pulse)
7
A
IB
Base Current
0.6
A
PC
Collector Dissipation (TC=25°C)
10
W
PC
Collector Dissipation (Ta=25°C)
1
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = 30V, IE = 0
1
µA
IEBO
Emitter Cut-off Current
VEB = 3V, IC = 0
1
µA
hFE1
hFE2
*DC Current Gain
VCE = 2V, IC = 20mA
VCE = 2V, IC = 1A
30
60
150
160
400
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 2A, IB = 0.2A
0.3
0.5
V
VBE(sat)
*Base-Emitter Saturation Voltage
IC = 2A, IB = 0.2A
1.0
2.0
V
fT
Current Gain Bandwidth Product
VCE = 5V, IE = 0.1A
90
MHz
Cob
Output Capacitance
VCB = 10V, IE = 0
f = 1MHz
45
pF
Classification
R
O
Y
G
hFE2
60 ~ 120
100 ~ 200
160 ~ 320
200 ~ 400
KSD882
Audio Frequency Power Amplifier
Low Speed Switching
• Complement to KSB772
1
TO-126
1. Emitter
2.Collector
3.Base


同様の部品番号 - KSD882G

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KSD882 SAMSUNG-KSD882 Datasheet
202Kb / 6P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
KSD882 FAIRCHILD-KSD882 Datasheet
147Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Foshan Blue Rocket Elec...
KSD882 FOSHAN-KSD882 Datasheet
865Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
logo
Fairchild Semiconductor
KSD882YS FAIRCHILD-KSD882YS Datasheet
147Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

同様の説明 - KSD882G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com