データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC807-AU_BU_00001 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BC807-AU_BU_00001
部品情報  PNP GENERAL PURPOSE TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC807-AU_BU_00001 データシート(HTML) 1 Page - Pan Jit International Inc.

  BC807-AU_BU_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 1,2011-REV.03
BC807-AU SERIES
PNP GENERAL PURPOSE TRANSISTORS
VOLTAGE
45 Volts
330 mWatts
FEATURES
MECHANICAL
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0003 ounce, 0.0084 gram
• Device Marking : BC807-16-AU : 7A
BC807-25-AU : 7B
BC807-40-AU : 7C
DATA
POWER
MECHANICALDATA
THERMALCHARACTERISTICS
Note 1 : Transistor mounted on FR-5 board minimum pad mounting conditions.
PARAMETER
SYMBOL
Value
UNIT
Collector-Emitter Voltage
VCEO
-45
V
Collector-Base Voltage
VCBO
-50
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-500
mA
Total Power Dissipation (Note 1)
PTOT
330
mW
Junction and Storage Temperature Range
TJ , TSTG
-55 to 150
oC
PARAMETER
SYMBOL
Value
UNIT
Thermal Resistance Junction to Ambient (Note 1)
RθJA
375
o
C/W
Thermal Resistance Junction to Lead
RθJL
220
o
C/W
• General purpose amplifier applications
• PNP epitaxial silicon, planar design
• Collector current I
C = 500mA
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


同様の部品番号 - BC807-AU_BU_00001

メーカー部品番号データシート部品情報
logo
General Semiconductor
BC807-16 GE-BC807-16 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
NXP Semiconductors
BC807-16 PHILIPS-BC807-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Taiwan Semiconductor Co...
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
Allied Components Inter...
BC807-16 ALLIED-BC807-16 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
More results

同様の説明 - BC807-AU_BU_00001

メーカー部品番号データシート部品情報
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com