データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847BS-AU_R0_0001 データシート(PDF) 4 Page - Pan Jit International Inc.

部品番号 BC847BS-AU_R0_0001
部品情報  NPN GENERAL PURPOSE DUAL TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BS-AU_R0_0001 データシート(HTML) 4 Page - Pan Jit International Inc.

  BC847BS-AU_R0_0001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BS-AU_R0_0001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BS-AU_R0_0001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BS-AU_R0_0001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BS-AU_R0_0001 Datasheet HTML 5Page - Pan Jit International Inc. BC847BS-AU_R0_0001 Datasheet HTML 6Page - Pan Jit International Inc. BC847BS-AU_R0_0001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PAGE . 4
April 3,2013-REV.04
BC847BS-AU
ELECTRICAL CHARACTERISTICS CURVE
SINGEL PULSE
DUTY CYCLE, D-t1/t2
Figure 7. Thermal Response
t, TIME(ms)
1.0M
100K
10K
1.0K
100
10
1.0
0
0.001
0.01
0.1
1.0
Z
(t)=r(t) R
R
=328 C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
T
-TC=P
R
(t)
qq
q
q
JA
JA
JA
1
J(pk)
(pk)
JC
O
t1
t2
P(pk)
D-0.5
0.1
0.2
0.05
0.02
0.01
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
V
, COLLECTOR-EMITTER VOLTAGE(V)
CE
-1.0
-2.0
-5.0
-5.0
-10
-10
-50
-30
-45 -65
-100
-100
-200
Figure 8. Active Region Safe Operating Area
T=25 C
A
O
BC558
BC557
BC556
T=25 C
J
O
3ms
1s
The safe operating area curves indicate Ic-Vce limits of the
transistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 26 is based upon Tj(pk)=150 C; Tc or
Ta is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% prodided Tj(pk) < 150 C. Tj(pk)
may be calculated from the data in Figure 25. At high case or
ambient temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by the secondary break-down.
O
O


同様の部品番号 - BC847BS-AU_R0_0001

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS-7 DIODES-BC847BS-7 Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
112Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

同様の説明 - BC847BS-AU_R0_0001

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
   DUAL NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
   Dual General Purpose Transistor NPNNPN Silicon
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
EMX1DXV6T1 ONSEMI-EMX1DXV6T1 Datasheet
56Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com