データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD43_90B データシート(PDF) 3 Page - Powerex Power Semiconductors

部品番号 CD43_90B
部品情報  POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD43_90B データシート(HTML) 3 Page - Powerex Power Semiconductors

  CD43_90B Datasheet HTML 1Page - Powerex Power Semiconductors CD43_90B Datasheet HTML 2Page - Powerex Power Semiconductors CD43_90B Datasheet HTML 3Page - Powerex Power Semiconductors CD43_90B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD43__90B
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1800V, TJ=125°C
20
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1800V, TJ=125°C
20
mA
Peak On-State Voltage
V TM / VFM
ITM / IFM =300A
1.65
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 16.7% x πIT(AV) to πIT(AV)
0.9
2.0
V
mΩ
Minimum dV/dt
dV/dt
Tj=125°C, Up to 800V
Tj=125°C, 1200 - 1800V
500
1000
V/µs
V/µs
Turn-Off Time (Typical)
t off
TJ = 25°C
40 - 100
(Typical)
µs
Gate Trigger Current
IGT
Tj= 25°C, VD=6V, Resistive Load
150
mA
Gate Trigger Voltage
VGT
Tj= 25°C, VD=6V, Resistive Load
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD=VDRM
0.25
Volts
Non-Triggering Gate Current
IGDM
Tj=125°C, VD=VDRM
6
mA
Holding Current
I H
TJ = 25°C
250
mA
Latching Current
I L
TJ = 25°C
600
mA
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.14
0.28
°C/W
°C/W
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.1
°C/W


同様の部品番号 - CD43_90B

メーカー部品番号データシート部品情報
logo
Linear Technology
CD43-100 LINER-CD43-100 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
AIT Components Ltd.
CD43-100 AITCOMPONENTS-CD43-100 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
CD43-120 AITCOMPONENTS-CD43-120 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
CD43-150 AITCOMPONENTS-CD43-150 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
CD43-1R0 AITCOMPONENTS-CD43-1R0 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
More results

同様の説明 - CD43_90B

メーカー部品番号データシート部品情報
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
ND431825 POWEREX-ND431825 Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PS431215 POWEREX-PS431215 Datasheet
367Kb / 5P
   POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 1800 Volts
LD431850 POWEREX-LD431850 Datasheet
97Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / 1800 Volts)
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PS432215 POWEREX-PS432215 Datasheet
367Kb / 5P
   POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com