データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC489AG データシート(PDF) 4 Page - ON Semiconductor

部品番号 BC489AG
部品情報  High Current Transistors NPN Silicon These are Pb?묯ree Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489AG データシート(HTML) 4 Page - ON Semiconductor

  BC489AG Datasheet HTML 1Page - ON Semiconductor BC489AG Datasheet HTML 2Page - ON Semiconductor BC489AG Datasheet HTML 3Page - ON Semiconductor BC489AG Datasheet HTML 4Page - ON Semiconductor BC489AG Datasheet HTML 5Page - ON Semiconductor BC489AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC489, BC489A
http://onsemi.com
4
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
1.0 k
1.0
2.0
5.0
Figure 6. Active Region — Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
700
500
300
200
100
70
50
30
20
10
3.0
10
20
50
30
7.0
70 100
BC489
100 ms
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
200
100
80
60
40
TJ =125°C
25°C
−55°C
VCE = 1.0 V
300
500
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltages
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
200
20
TJ = 25°C
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
5.0
10
50
100
VBE(sat) @ IC/IB = 10
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
1.0
0.8
0.6
0.4
0.2
0
0.1
10
1.0
TJ = 25°C
IC = 10 mA
0.05
0.2
0.5
2.0
5.0
20
100 mA
250 mA
50
mA
2.0
500
50
500 mA


同様の部品番号 - BC489AG

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC489A MOTOROLA-BC489A Datasheet
235Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC489A ONSEMI-BC489A Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Continental Device Indi...
BC489A CDIL-BC489A Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

同様の説明 - BC489AG

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
   These are Pb−Free Devices
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
   High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com