データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC817-40L データシート(PDF) 3 Page - ON Semiconductor

部品番号 BC817-40L
部品情報  General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-40L データシート(HTML) 3 Page - ON Semiconductor

  BC817-40L Datasheet HTML 1Page - ON Semiconductor BC817-40L Datasheet HTML 2Page - ON Semiconductor BC817-40L Datasheet HTML 3Page - ON Semiconductor BC817-40L Datasheet HTML 4Page - ON Semiconductor BC817-40L Datasheet HTML 5Page - ON Semiconductor BC817-40L Datasheet HTML 6Page - ON Semiconductor BC817-40L Datasheet HTML 7Page - ON Semiconductor BC817-40L Datasheet HTML 8Page - ON Semiconductor BC817-40L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BC846ALT1G Series, SBC846ALT1G Series
http://onsemi.com
3
BC846A, BC847A, BC848A, SBC846A
Figure 1. DC Current Gain vs. Collector
Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
300
0.1
0.01
0.001
0.0001
0
0.02
0.18
Figure 3. Base Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 20
150°C
−55°C
25°C
0.4
0.9
IC/IB = 20
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
0.04
0.06
0.08
0.10
0.12
0.14
0.16


同様の部品番号 - BC817-40L

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC817-40LT1 MOTOROLA-BC817-40LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC817-40LT1 ONSEMI-BC817-40LT1 Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC817-40LT1 LRC-BC817-40LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
Tiger Electronic Co.,Lt...
BC817-40LT1 TGS-BC817-40LT1 Datasheet
368Kb / 3P
   TRANSISTOR (NPN)
logo
ON Semiconductor
BC817-40LT1G ONSEMI-BC817-40LT1G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
More results

同様の説明 - BC817-40L

メーカー部品番号データシート部品情報
logo
First Components Intern...
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
   NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
   NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
   NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com