データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSR2005 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KSR2005
部品情報  Switching Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSR2005 データシート(HTML) 1 Page - Fairchild Semiconductor

  KSR2005 Datasheet HTML 1Page - Fairchild Semiconductor KSR2005 Datasheet HTML 2Page - Fairchild Semiconductor KSR2005 Datasheet HTML 3Page - Fairchild Semiconductor KSR2005 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A3, October 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current
-100
mA
PC
Collector Power Dissipation
300
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -10µA, IE=0
-50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= -100µA, IB=0
-50
V
ICBO
Collector Cut-off Current
VCB= -40V, IE=0
-0.1
µA
hFE
DC Current Gain
VCE= -5V, IC= -5mA
30
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
-0.3
V
Cob
Output Capacitance
VCB= -10V, IE=0
f=1.0MHz
5.5
pF
fT
Current Gain Bandwidth Product
VCE= -10V, IC= -5mA
200
MHz
VI(off)
Input Off Voltage
VCE= -5V, IC= -100µA-0.3
V
VI(on)
Input On Voltage
VCE= -0.3V, IC= -20mA
-2.5
V
R1
Input Resistor
3.2
4.7
6.2
K
R1/R2
Resistor Ratio
0.42
0.47
0.52
KSR2005
Switching Application (Bias Resistor Built In)
• Switching circuit, Inverter, Interface circuit, Driver Circuit
• Built in bias Resistor (R1=4.7KΩ, R2=10KΩ)
• Complement to KSR1005
Equivalent Circuit
B
E
C
R1
R2
1. Emitter 2. Collector 3. Base
TO-92
1


同様の部品番号 - KSR2005

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KSR2005 SAMSUNG-KSR2005 Datasheet
65Kb / 2P
   PNP (SWITCHING APPLICATION)
More results

同様の説明 - KSR2005

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
KSR2009 FAIRCHILD-KSR2009 Datasheet
32Kb / 4P
   Switching Application
KSR2205 FAIRCHILD-KSR2205 Datasheet
37Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com