データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-273L データシート(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-273L
部品情報  Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-273L データシート(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-273L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Figure 1. Current transfer ratio vs. forward
current
Figure 3. Output current vs. input diode
forward current
Figure 5. Input diode forward current vs.
forward voltage
Figure 6. Forward voltage vs. temperature
Figure 2. Current transfer ratio vs. forward
current
Figure 4. Output current vs. input diode
forward current
Figure 7. Switching test circuit
IF - FORWARD CURRENT - mA
2000
1600
800
400
0.1
1.0
10
1200
0
VCC = 3.3 V
VO = 0.4 V
85°C
70°C
25°C
70°C
-40°C
IF - FORWARD CURRENT - mA
2500
2000
1000
500
0.1
1.0
10
1500
0
V CC = 5.0 V
V O = 0.4 V
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
IF - INPUT DIODE FORWARD CURRENT - mA
0.01
0.01
0.1
10
0.1
1.0
10
100
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
1
IF - INPUT DIODE FORWARD CURRENT - mA
100
10
0.1
0.1
1
10
1.0
TA = 85° C
TA = 25° C
TA = -40° C
VCC = 5.0 V
V O = 0.4 V
VF - FORWARD VOLTAGE - V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
-
VF
+
TA = 25°C
TA = 0°C
IF
TA = 85°C
TA = 70°C
TA = -40°C
1.6
1.5
1.4
1.3
-60
-20
20
40
100
TA - TEMPERATURE - °C
60
80
0
-40
1.2
IF = 1.6 mA
V O
PULSE
GEN.
Z = 50 W
t = 5 ns
O
r
I MONITOR
F
IF
0.1 µF
L
R
CL = 15 pF*
R M
0
tPHL
tPLH
O
V
IF
OL
V
50%
50%
3.3 V
3.3 V
7
1
2
3
4
5
6
8
10% DUTY CYCLE
I/f < 100 µs
(SATURATED
RESPONSE)
tf
tr
O
V
(NON-SATURATED
RESPONSE)
3.3 V
90%
10%
90%
10%
* INCLUDES PROBE AND
FIXTURE CAPACITANCE


同様の部品番号 - HCPL-273L

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-273L HP-HCPL-273L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-273L AVAGO-HCPL-273L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
More results

同様の説明 - HCPL-273L

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com