データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-4320E データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-4320E
部品情報  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4320E データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4320E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4320E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Ordering Information
HCPL-0466, HCPL-4506 and HCPL-J456 are UL Recognized with 3750 Vrms for 1 minute per UL1577.
HCNW4506 is UL Recognized with 5000 Vrms for 1 minute per UL1577. HCPL-0466, HCPL-4506, HCPL-J456 and
HCNW4506 are approved under CSA Component Acceptance Notice #5, File CA 88324.
Option
Part
RoHS
non RoHS
Surface
Gull
Tape
UL 5000 Vrms/
IEC/EN/DIN
Number
Compliant
Compliant Package
Mount
Wing
& Reel
1 Minute rating
EN 60747-5-2 Quantity
-000E
no option 300 mil DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
HCPL-4506 -320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
-000E
no option 300 mil DIP-8
X
50 per tube
HCPL-J456
-300E
#300
X
X
X
50 per tube
-500E
#500
X
X
X
X
1000 per reel
-000E
no option SO-8
X
100 per tube
HCPL-0466 -500E
#500
X
X
1500 per reel
-060E
#060
X
X
100 per tube
-560E
#560
X
X
X
1500 per reel
-000E
no option 400 mil
X
X
42 per tube
HCNW4506 -300E
#300
Widebody
X
X
X
X
42 per tube
-500E
#500
DIP-8
X
X
X
X
X
750 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-4506-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant.
Example 2:
HCPL-4506 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’


同様の部品番号 - HCPL-4320E

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-000E AVAGO-HCPL-4100-000E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-300E AVAGO-HCPL-4100-300E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
More results

同様の説明 - HCPL-4320E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com