データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-653K データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-653K
部品情報  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-653K データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-653K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-653K Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Absolute Maximum Ratings
No derating required up to +125° C.
Parameter
Symbol
Min.
Max.
Units
Storage Temperature Range
TS
-65°
+150°
C
Operating Ambient Temperature
TA
-55°
+125°
C
Junction Temperature
TJ
+175°
C
Case Temperature
TC
+170°
C
Lead Solder Temperature (1.6 mm below seating plane)
260° for 10 s
C
Average Input Forward Current
IF AVG
20
mA
Peak Forward Input Current
(each channel,
1 ms duration)
IFPK
40
mA
Reverse Input Voltage
BVR
See Electrical Characteristics
Average Output Current, each channel
IO
8mA
Peak Output Current, each channel
IO
16
mA
Supply Voltage
VCC
-0.5
20
V
Output Voltage
VO
-0.5
20
V
Input Power Dissipation, each channel
36
mW
Output Power Dissipation, each channel
50
mW
Package Power Dissipation, each channel
PD
200
mW
Single Channel 8 Pin, Dual Channel 16 Pin, and LCCC Only
Parameter
Symbol
Min.
Max.
Units
Emitter Base Reverse Voltage
VEBO
3V
Base Current, each channel
IB
5mA
ESD Classification
(MIL-STD-883, Method 3015)
4N55, 4N55/883B, HCPL-257K, HCPL-5500/01/0K, and HCPL-6530/31/3K
( ), Class 1
HCPL-5530/31/3K, HCPL-6550/51/5K
(Dot), Class 3
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL
250
μA
Input Current, High Level
IFH
12
20
mA
Supply Voltage, Output
VCC
218
V


同様の部品番号 - HCPL-653K

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-653K HP-HCPL-653K Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-653K HP-HCPL-653K Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results

同様の説明 - HCPL-653K

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com