データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33730EK データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MCZ33730EK
部品情報  Switch Mode Power Supply with Multiple Linear Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33730EK データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33730EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33730
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
Supply Voltage (VBAT)
VBAT
-0.3 to +40
V
Keep-Alive Supply Voltage (KA_VBAT)
KA_VBAT
-18 to +40
V
Control Inputs (V
IGN, P1, P2, P3), PFD Output
-18 to +40
V
Bootstrap Voltage (BOOT, SR) referenced to ground
VBOOT
-0.3 to +50
V
Bootstrap Voltage (BOOT, SR) referenced to SW
VBOOT - VSW
-0.3 to +12
V
Charge Pump Output Voltage (CP)
VCP
-0.3 to +12
V
Switch Node Voltage SW
VSW
-2.0 to +40
V
Sensor Supplies (VREF1, VREF2)
VREF
-1.0 to +26.5
V
Sensor Supplies (VREF1, VREF2) Maximum Slew Rate
VREFMAXSR
2.0
V/µs
Regulator Voltages (VDDH,VDD3, VDD3_B, VDDL,VDDL_B, VKAM)
VREG
-0.3 to +7.0
V
Open Drain Outputs (RSTH, RSTL, RST3, RSTKAM, IGN_ON)
VDD
-0.3 to +7.0
V
Regon Input
VREGON
-0.3 to +7.0
V
Analog Inputs (VCOMP, INV, FREQ, HRT)
VIN
-0.3 to +3.0
V
ESD Voltage(2)
Human Body Model - HBM (all pins except BOOT, VDDL, RSTL)
Human Body Model - HBM (Pins BOOT, VDDL, RSTL)
Machine Model - MM (all pins)
Charge Device Model - CDM (all pins)
VESD
±2000
±1500
±200
±750
V
Operational Package Temperature (Ambient Temperature)
TA_MAX
-40 to +125
°C
Storage Temperature
TSTO
-65 to +150
°C
Peak Package Reflow Temperature During Reflow(3), (4)
TPPRT
Note 4
°C
Maximum Junction Temperature
TJ_MAX
150
°C
Thermal Resistance, Junction to Ambient(5)
J-A
41
°C/W
Thermal Resistance, Junction to Case(6)
J-C
1.2
°C/W
Notes
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (AEC-Q100-2), the Machine Model (MM) (AEC-Q100-003),
RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (AEC-Q100-011).
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
5.
Thermal resistance measured in accordance with EIA/JESD51-2.
6.
Theoretical thermal resistance from the die junction to the exposed pad.


同様の部品番号 - MCZ33730EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33730EK/R2 FREESCALE-MCZ33730EK/R2 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
More results

同様の説明 - MCZ33730EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
33394 NXP-33394 Datasheet
803Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
Rev. 2.5, 11/2002
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
logo
Freescale Semiconductor...
33394 FREESCALE-33394 Datasheet
639Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com