データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-2685 データシート(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-2685
部品情報  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2685 データシート(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-2685 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-2685 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Figure 1. Maximum Allowable Peak Current vs. Pulse Duration.
Figure 4. Forward Current vs. Forward Voltage.
Figure 5. Relative Luminous Intensity vs. DC Forward
Current.
AlGaAs Red
Figure 3. Relative Efficiency (Luminous Intensity per Unit
Current) vs. Peak LED Current.
Figure 2. Maximum Allowed DC Current per LED vs.
Ambient Temperature, T
JMAX = 110 °C.


同様の部品番号 - HLMP-2685

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-2685 QT-HLMP-2685 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLMP-2685 HP-HLMP-2685 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2685 AVAGO-HLMP-2685 Datasheet
338Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2685 FAIRCHILD-HLMP-2685 Datasheet
770Kb / 6P
   LED LIGHT BARS
More results

同様の説明 - HLMP-2685

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLCP-A100 HP-HLCP-A100 Datasheet
199Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com