データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1458CN データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 LM1458CN
部品情報  Dual Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM1458CN データシート(HTML) 3 Page - Fairchild Semiconductor

  LM1458CN Datasheet HTML 1Page - Fairchild Semiconductor LM1458CN Datasheet HTML 2Page - Fairchild Semiconductor LM1458CN Datasheet HTML 3Page - Fairchild Semiconductor LM1458CN Datasheet HTML 4Page - Fairchild Semiconductor LM1458CN Datasheet HTML 5Page - Fairchild Semiconductor LM1458CN Datasheet HTML 6Page - Fairchild Semiconductor LM1458CN Datasheet HTML 7Page - Fairchild Semiconductor LM1458CN Datasheet HTML 8Page - Fairchild Semiconductor LM1458CN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM1458/LM1458C
3
Electrical Characteristics
(VCC = + 15V, VEE = - 15V, TA = 25
°C unless otherwise specified)
Parameter
Symbol
Conditions
LM1458C
LM1458
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage
VIO
RS
≤10KΩ
-
2.0
10
-
2.0
6.0
mV
Input Offset Current
IIO
-
-
20
300
-
20
200
nA
Input Bias Current
IBIAS
-
-
80
700
-
80
500
nA
Large Signal
Voltage Gain
GV
VO(P-P) =
± 10V, RL≥2.0KΩ
20
200
-
20
200
-
V/mV
Input Voltage Range
VI(R)
-
± 11 ± 13
-
± 12 ± 13
-
V
Input Resistance
RI
-
0.3
1.0
-
0.3
1.0
-
M
Common Mode
Rejection Ratio
CMRR
-
60
90
-
70
90
-
dB
Power Supply
Rejection Ratio
PSRR
-
77
90
-
77
90
-
dB
Supply Current
(Both Amplifier)
ICC
--
2.3
8.0
-
2.3
-
mA
Output Voltage
Swing
VO(PP)
RS
≤10KΩ± 11 ± 14
-
± 12 ± 14
5.6
V
RS
≤10KΩ± 19 ± 13
-
± 10 ± 13
-
Output Short Circuit
Current
ISC
-
-
20
-
-
20
-
mA
Power Consumption
PC
VO = 0V
-
70
240
-
70
170
mW
Transient Response
(Unity Gain)
Rise Time
Overshoot
Slew Rate
TR
OS
SR
VI = 20mV,RL
≥2KΩ,CL≤100pF
VI = 20mV,RL
≥2KΩ,CL≤100pF
VI = 10V,RL
≥2KΩ,CL≤100pF
-0.3
15
0.5
--
0.3
15
0.5
-
µs
%
V/
µs


同様の部品番号 - LM1458CN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1458 NSC-LM1458 Datasheet
124Kb / 6P
   Dual Operational Amplifier
logo
Intersil Corporation
LM1458 INTERSIL-LM1458 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
National Semiconductor ...
LM1458 NSC-LM1458 Datasheet
127Kb / 5P
   Dual Operational Amplifier
logo
Harris Corporation
LM1458 HARRIS-LM1458 Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Texas Instruments
LM1458 TI1-LM1458 Datasheet
846Kb / 12P
[Old version datasheet]   Dual Operational Amplifier
More results

同様の説明 - LM1458CN

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com