データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA0414 データシート(PDF) 7 Page - Vishay Siliconix

部品番号 SMA0414
部品情報  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA0414 データシート(HTML) 7 Page - Vishay Siliconix

Back Button SMA0414 Datasheet HTML 3Page - Vishay Siliconix SMA0414 Datasheet HTML 4Page - Vishay Siliconix SMA0414 Datasheet HTML 5Page - Vishay Siliconix SMA0414 Datasheet HTML 6Page - Vishay Siliconix SMA0414 Datasheet HTML 7Page - Vishay Siliconix SMA0414 Datasheet HTML 8Page - Vishay Siliconix SMA0414 Datasheet HTML 9Page - Vishay Siliconix SMA0414 Datasheet HTML 10Page - Vishay Siliconix SMA0414 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28766
28
Revision: 03-Dec-12
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Vishay Beyschlag
Professional Thin Film Leaded Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
C
100
150
0
- 50
50
0.5
1
W
70
Ambient Temperature amb
ϑ
MBE/SMA 0414
MBA/SMA 0204
MBB/SMA 0207
0
Derating - Standard Operation
C
100
150
0
- 50
50
0.5
1
W
70
Ambient Temperature amb
ϑ
0
MBE/SMA 0414
MBA/SMA 0204
MBB/SMA 0207
Derating Long Term Operation
0
40
K
60
20
80
0
0.4
0.8
1
1.2
0.2
0.6
0.1
0.3
0.5
0.7
0.9
1.1 W
Load
P
MBE/SMA 0414
MBA/SMA 0204
MBB/SMA 0207
Rise of surface temperature
Temperature Rise


同様の部品番号 - SMA0414

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMA0414 VISHAY-SMA0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0414 VISHAY-SMA0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0414 VISHAY-SMA0414 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
More results

同様の説明 - SMA0414

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com