データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1B-AU_R0_10001 データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 GS1B-AU_R0_10001
部品情報  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1B-AU_R0_10001 データシート(HTML) 2 Page - Pan Jit International Inc.

  GS1B-AU_R0_10001 Datasheet HTML 1Page - Pan Jit International Inc. GS1B-AU_R0_10001 Datasheet HTML 2Page - Pan Jit International Inc. GS1B-AU_R0_10001 Datasheet HTML 3Page - Pan Jit International Inc. GS1B-AU_R0_10001 Datasheet HTML 4Page - Pan Jit International Inc. GS1B-AU_R0_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-FEB.04.2009
1
GS1A-AU~GS1M-AU
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
RATING AND CHARACTERISTIC CURVES
3
.0
2.0
1.0
0
0
50
100
150
0
.5
1.5
2.5
LEAD TEMPERATURE, C
O
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED ON 0.3 x 0.3"
(8.0 x 8.0mm) COPPER PAD A REAS
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.4
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
25
20
15
10
5
0
1
2
6
10
20
40
60
100
30
Fig.4-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
10
0.1
1.0
100
1000
1
2
5
10
20
50
100
T= 25 C
f=1.0mHz
Vsig=50mVp-p
J
O
REVERSE VOLTAGE, VOLTS
Fig.3-TYPICALREVERSECHARACTERISTIC
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.01
20
40
60
80
100
120
140
0.1
1.0
10
100
T= 125 C
o
J
T= 100 C
J
O
T= 25 C
J
O


同様の部品番号 - GS1B-AU_R0_10001

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
GS1B-L MCC-GS1B-L Datasheet
246Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts Extremely Low Thermal Resistance
GS1B-L MCC-GS1B-L Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
258Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
362Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

同様の説明 - GS1B-AU_R0_10001

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com