データシートサーチシステム |
|
AD8804ARU データシート(PDF) 11 Page - Analog Devices |
|
AD8804ARU データシート(HTML) 11 Page - Analog Devices |
11 / 16 page AD8802/AD8804 REV. 0 –11– ; This 8051 µC subroutine loads an AD8802 or AD8804 DAC with an 8-bit value, ; using the 8051’s parallel port #1. ; The DAC value is stored at location DAC_VALUE ; The DAC address is stored at location DAC_ADDR ; ; Variable declarations PORT1 DATA 90H ;SFR register for port 1 DAC_VALUE DATA 40H ;DAC Value DAC_ADDR DATA 41H ;DAC Address (0 through 7) LOOPCOUNT DATA 43H ;COUNT LOOPS ; ORG 100H ;arbitrary start LD_8804: ORL PORT1,#11110000B ;set CLK, /CS and /SHDN high CLR PORT1.5 ;Set Chip Select low MOV LOOPCOUNT,#4 ;Address is 4 bits MOV A,DAC_ADDR ;Get DAC address RR A ;Rotate the DAC RR A ;address to the Most RR A ;Significant Bits (MSBs) RR A ; ACALL SEND_SERIAL ;Send the address MOV LOOPCOUNT,#8 ;Do 8 bits of data MOV A,DAC_VALUE ACALL SEND_SERIAL ;Send the data SETB PORT1.5 ;Set /CS high RET ;DONE SEND_SERIAL: RLC A ;Move next bit to carry MOV PORT1.7,C ;Move data to SDI CLR PORT1.6 ;Pulse the SETB PORT1.6 ;CLK input DJNZ LOOPCOUNT,SEND_SERIAL ;Loop if not done RET; END Listing 2. Software for the 8051 to AD8802/AD8804 Parallel Port Interface An MC68HC11-to-AD8802/AD8804 Interface Like the 8051 µC, the MC68HC11 includes a dedicated serial data port (labeled SPI). The SPI port provides an easy interface to the AD8802/AD8804 (Figure 27). The interface uses three lines of Port D for the serial data, and one or two lines from Port C to control the SHDN and RS (AD8802 only) inputs. SDI CLK CS SHDN RS (AD8802 ONLY) AD8802/ AD8804* MC68HC11* MOSI SCK SS PC0 PC1 (PD3) (PD4) (PD5) *ADDITIONAL PINS OMITTED FOR CLARITY Figure 26. An AD8802/AD8804-to-MC68HC11 Interface A software routine for loading the AD8802/AD8804 from a 68HC11 evaluation board is shown in Listing 3. First, the MC68HC11 is configured for SPI operation. Bits CPHA and CPOL define the SPI mode wherein the serial clock (SCK) is high at the beginning and end of transmission, and data is valid on the rising edge of SCK. This mode matches the requirements of the AD8802/AD8804. After the registers are saved on the stack, the DAC value and address are transferred to RAM and the AD8802/AD8804’s CS is driven low. Next, the DAC’s ad- dress byte is transferred to the SPDR register, which automati- cally initiates the SPI data transfer. The program tests the SPIF bit and loops until the data transfer is complete. Then the DAC value is sent to the SPI. When transmission of the second byte is complete, CS is driven high to load the new data and address into the AD8802/AD8804. |
同様の部品番号 - AD8804ARU |
|
同様の説明 - AD8804ARU |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |