データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM293M データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 LM293M
部品情報  Dual Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM293M データシート(HTML) 4 Page - Fairchild Semiconductor

  LM293M Datasheet HTML 1Page - Fairchild Semiconductor LM293M Datasheet HTML 2Page - Fairchild Semiconductor LM293M Datasheet HTML 3Page - Fairchild Semiconductor LM293M Datasheet HTML 4Page - Fairchild Semiconductor LM293M Datasheet HTML 5Page - Fairchild Semiconductor LM293M Datasheet HTML 6Page - Fairchild Semiconductor LM293M Datasheet HTML 7Page - Fairchild Semiconductor LM293M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM2903/LM2903I,LM393/LM393A, LM293/LM293A
4
Electrical Characteristics (Continued)
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Note 1
LM393/LM393A: 0
≤ TA ≤ +70°C
LM2903: -40
≤ TA ≤ +85°C
LM2903I: -40
≤ TA ≤ +105°C
LM293/LM293A : -25
≤ TA ≤ +85°C
Parameter
Symbol
Conditions
LM2903/LM2903I
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
VO(P) =1.4V, RS = 0
-
±1
±7
mV
VCM= 0 to 1.5V
Note 1
-
±9
±15
Input Offset Current
IIO
-
±5
±50
nA
Note 1
-
±50
±200
Input Bias Current
IBIAS
-
65
250
nA
Note 1
-
-
500
Input Common Mode
Voltage Range
VI(R)
0-
VCC
-1.5
V
Note 1
0
-
VCC-2
Supply Current
ICC
RL =
∞, VCC = 5V
-
0.6
1
mA
RL =
∞, VCC = 30V
-
1
2.5
Voltage Gain
GV
VCC =15V, RL
≥15KΩ
(for large VO(P-P)swing)
25
100
-
V/mV
Large Signal Response Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL = 5V, RL = 5.1K
-
350
-
nS
Response Time
TRES
VRL = 5V, RL = 5.1K
-1.5
-
µS
Output Sink Current
ISINK
VI(-)
≥ 1V, VI(+) = 0V, VO(P) ≤ 1.5V
6
16
-
mA
Output Saturation Voltage
VSAT
VI(-)
≥ 1V, VI(+) = 0V
-
160
400
mV
ISINK = 4mA
Note 1
-
-
700
Output Leakage Current
IO(LKG)
VI(-) = 0V,
VO(P) = 5V
-
0.1
-
nA
VI(+) = 1V
VO(P) = 30V
-
-
1.0
µA


同様の部品番号 - LM293M

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM293MDREP TI1-LM293MDREP Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
LM293MDREP TI1-LM293MDREP Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
LM293MDREP TI1-LM293MDREP Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
More results

同様の説明 - LM293M

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com