データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-193K データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-193K
部品情報  Dual Channel Line Receiver Hermetically Sealed Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-193K データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-193K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
A 0.1
µF bypass capacitor must be
connected between pins 10 and 15
(see note 1).
Schematic
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-65
+150
°C
Operating Temperature
TA
-55
+125
°C
Lead Solder Temperature
260 for 10 sec
°C
Forward Input Current (each channel)
II
60
mA
2
Reverse Input Current
IR
60
mA
Supply Voltage (1 minute max)
VCC
7.0
V
Enable Input Voltage (each channel)
VE
5.5*
V
Output Collector Current (each channel)
IO
25
mA
Output Collector Power Dissipation (each channel)
PO
40
mW
Output Collector Voltage (each channel)
VO
7
V
Total Package Power Dissipation
564
mW
Input Power Dissipation (each channel)
168
mW
* not to exceed VCC by more than 500 mV
ESD Classification
(MIL-STD-883, Method 3015)
( ), Class 1
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IIL
0
250
µA
Input Current, High Level*
IIH
12.5
60
mA
Supply Voltage, Output
VCC
4.5
5.5
V
High Level Enable Voltage
VEH
2.0
VCC
V
Low Level Enable Voltage
VEL
0
0.8
V
Fan Out (@ RL = 4 kΩ)
N
5
TTL Loads
Operating Temperature
TA
-55
125
°C
*12.5 mA condition permits at least 20% guardband for optical coupling variation. Initial switching threshold is 10 mA or less.


同様の部品番号 - HCPL-193K

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-193K HP-HCPL-193K Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-193K BOARDCOM-HCPL-193K Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-193K-100 HP-HCPL-193K-100 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
HCPL-193K-200 HP-HCPL-193K-200 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results

同様の説明 - HCPL-193K

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66013 MICROPAC-66013 Datasheet
88Kb / 2P
   DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
66056 MICROPAC-66056 Datasheet
89Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
66012 MICROPAC-66012 Datasheet
93Kb / 2P
   FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com