データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1000 データシート(PDF) 2 Page - Yea Shin Technology Co., Ltd

部品番号 UF1000
部品情報  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1000 データシート(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF1000 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1000 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
UF1000~UF1008
http://www.yeashin.com
2
REV.02 20110725
RATING AND CHARACTERISTIC CURVES
UF1000 THRU UF1008
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
20
16
12
8
4
0
0
50
100
150
CASE TEMPERATURE,
Fig. 1-TYPICAL FORWARD CURRENT DERATING
CURVE
1000
100
10
1.0
0.1
20
40
60
80
100
120
140
TJ = 125
TJ = 25
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
150
120
90
60
30
1
2
5
10
20
50
100
TJ = 125
8.3ms SINGLE HALF SINCE-
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
210
200
160
120
80
40
0
1
2
5
20
50
100
200
500
UF1000
UF1008
REVERSE VOLTAGE, VOLTS
8 0
4 0
2 0
1 0
3 .0
1 .0
0 .3
0 .1
0.0 3
0.0 1
0.4
0.6
0.8
1.0
1.2
1.4
1.8
UF1000
UF1008
FORWARD VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-TYPICAL FORWARD CHARACTERISTICS
°C
°C
°C
°C


同様の部品番号 - UF1000

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1000 WTE-UF1000 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
75Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
More results

同様の説明 - UF1000

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Yea Shin Technology Co....
UF1000F YEASHIN-UF1000F Datasheet
45Kb / 2P
   ULT RAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Pan Jit International I...
UF600 PANJIT-UF600 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF800F PANJIT-UF800F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Yea Shin Technology Co....
UF1000CT YEASHIN-UF1000CT Datasheet
40Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
logo
Pan Jit International I...
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
UF600G PANJIT-UF600G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF300G PANJIT-UF300G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com