データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1004F データシート(PDF) 2 Page - Yea Shin Technology Co., Ltd

部品番号 UF1004F
部品情報  ULT RAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1004F データシート(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF1004F Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1004F Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
20
16
12
8
4
0
0
50
100
150
CASE TEMPERATURE,
Fig. 1-TYPICAL FORWARD CURRENT DERATING
CURVE
1000
100
10
1.0
0.1
20
40
60
80
100
120
140
TJ = 125
TJ = 25
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
150
120
90
60
30
1
2
5
10
20
50
100
TJ = 125
8.3ms SINGLE HALF SINCE-
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
210
200
160
120
80
40
0
1
2
5
20
50
100
200
500
UF1000F
UF1008F
REVERSE VOLTAGE, VOLTS
80
40
20
10
3.0
1.0
0.3
0.1
0.03
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.8
UF1000F
UF1008F
FORWARD VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-TYPICAL FORWARD CHARACTERISTICS
UF1000F~UF1008F
http://www.yeashin.com
2
REV.02 20110725
°C
°C
°C
°C


同様の部品番号 - UF1004F

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF1004F PANJIT-UF1004F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1004F WTE-UF1004F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1004F WTE-UF1004F Datasheet
49Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1004F PANJIT-UF1004F Datasheet
78Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1004F CHENG-YI-UF1004F Datasheet
181Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
More results

同様の説明 - UF1004F

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
UF1000 YEASHIN-UF1000 Datasheet
75Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF600 PANJIT-UF600 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
GBU10A PANJIT-GBU10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
GBJ10A PANJIT-GBJ10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF800F PANJIT-UF800F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
10A05 DAESAN-10A05 Datasheet
309Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com