データシートサーチシステム |
|
74HC32PW データシート(PDF) 10 Page - NXP Semiconductors |
|
74HC32PW データシート(HTML) 10 Page - NXP Semiconductors |
10 / 17 page 74HC_HCT32 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 5 — 4 September 2012 10 of 17 NXP Semiconductors 74HC32; 74HCT32 Quad 2-input OR gate Fig 9. Package outline SOT108-1 (SO14) UNIT A max. A1 A2 A3 bp cD(1) E(1) (1) eHE LLp QZ y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 SOT108-1 X w M θ A A1 A2 bp D HE L p Q detail X E Z e c L v M A (A ) 3 A 7 8 1 14 y 076E06 MS-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale SO14: plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 |
同様の部品番号 - 74HC32PW |
|
同様の説明 - 74HC32PW |