データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFB3006GPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRFB3006GPBF
部品情報  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFB3006GPBF データシート(HTML) 2 Page - International Rectifier

  IRFB3006GPBF Datasheet HTML 1Page - International Rectifier IRFB3006GPBF Datasheet HTML 2Page - International Rectifier IRFB3006GPBF Datasheet HTML 3Page - International Rectifier IRFB3006GPBF Datasheet HTML 4Page - International Rectifier IRFB3006GPBF Datasheet HTML 5Page - International Rectifier IRFB3006GPBF Datasheet HTML 6Page - International Rectifier IRFB3006GPBF Datasheet HTML 7Page - International Rectifier IRFB3006GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFB3006GPbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 195A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements.
(Refer to AN-1140)
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.022mH
RG = 25Ω, IAS = 170A, VGS =10V. Part not recommended for use
above this value .
S
D
G
„ ISD ≤ 170A, di/dt ≤ 1360A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.07
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.1
2.5
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
2.0
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
280
–––
–––
S
Qg
Total Gate Charge
–––
200
300
nC
Qgs
Gate-to-Source Charge
–––
37
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
60
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
140
–––
td(on)
Turn-On Delay Time
–––
16
–––
ns
tr
Rise Time
–––
182
–––
td(off)
Turn-Off Delay Time
–––
118
–––
tf
Fall Time
–––
189
–––
Ciss
Input Capacitance
–––
8970
–––
pF
Coss
Output Capacitance
–––
1020
–––
Crss
Reverse Transfer Capacitance
–––
534
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) ––– 1480 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)h ––– 1920 –––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 270™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1080
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
44
–––
ns
TJ = 25°C
VR = 51V,
–––
48
–––
TJ = 125°C
IF = 170A
Qrr
Reverse Recovery Charge
–––
63
–––
nC TJ = 25°C
di/dt = 100A/µs
g
–––
77
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.4
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 25V, ID = 170A
ID = 170A
VGS = 20V
VGS = -20V
MOSFET symbol
showing the
VDS =30V
Conditions
VGS = 10V g
VGS = 0V
VDS = 50V
ƒ = 1.0 MHz, See Fig. 5
VGS = 0V, VDS = 0V to 48V i, See Fig. 11
VGS = 0V, VDS = 0V to 48V h
TJ = 25°C, IS = 170A, VGS = 0V g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mAd
VGS = 10V, ID = 170A g
VDS = VGS, ID = 250µA
VDS = 60V, VGS = 0V
VDS = 60V, VGS = 0V, TJ = 125°C
ID = 170A
RG = 2.7Ω
VGS = 10V g
VDD = 39V
ID = 170A, VDS =0V, VGS = 10V


同様の部品番号 - IRFB3006GPBF

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
IRFB3006 ISC-IRFB3006 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
251Kb / 9P
   Hard Switched and High Frequency Circuits
IRFB3006PBF IRF-IRFB3006PBF_15 Datasheet
251Kb / 9P
   Hard Switched and High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com