データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TAZH686K006CRSB0H00 データシート(PDF) 5 Page - AVX Corporation

部品番号 TAZH686K006CRSB0H00
部品情報  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K006CRSB0H00 データシート(HTML) 5 Page - AVX Corporation

  TAZH686K006CRSB0H00 Datasheet HTML 1Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 2Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 3Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 4Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 5Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 6Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 7Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 8Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
JUNE 2013
11
An extended range of capacitor ratings beyond
CWR09 that is fully qualified to MIL-PRF-
55365/11, this series represents the most
flexible of surface mount form factors, offering
nine case sizes (the original A through H of
CWR09) and adds the new X case size.
The molded body / compliant termination
construction ensures no TCE mismatch with any
substrate. This construction is compatible with a
wide range of SMT board assembly processes
including wave or reflow solder, conductive
epoxy or compression bonding techniques. The
parts also carry full polarity and capacitance /
voltage marking.
The four smaller cases are characterized by their
low profile construction, with the A case being the
world’s smallest molded military tantalum chip.
The series is qualified to MIL-PRF-55365 Weibull
“B”, “C”, “D” and “T” levels, with all surge
options (“A”, “B” & “C”) available.
For Space Level applications, AVX SRC 9000
qualification is recommended (see ratings table
for part number availability).
There are four termination finishes available:
solder plated, fused solder plated, hot solder
dipped and gold plated (these are “H”, “K”, “C”
and “B” termination, respectively, per MIL-PRF-
55365). In addition, the molding compound has
been selected to meet the requirements of
UL94V-0 (Flame Retardancy) and outgassing
requirements of NASA SP-R-0022A.
The TAZ “X” case size components are
considered to be MSL 3 in accordance with
J-STD-020.
MARKING
(White marking on black body)
Polarity Stripe (+)
Capacitance Code
Rated Voltage
CASE DIMENSIONS:
millimeters (inches)
Case
Length (L)
Width (W)
Height (H)
Term. Length (A)
Typical
Code ±0.38 (0.015) ±0.38 (0.015) ±0.38 (0.015)
Term. Width (W1)
+0.25/-0.13
S min
Weight (g)
(+0.010/-0.005)
A
2.54 (0.100)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
0.38 (0.015)
0.016
(0.050±0.005)
B
3.81 (0.150)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
1.65 (0.065)
0.025
(0.050±0.005)
C
5.08 (0.200)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
2.92 (0.115)
0.035
(0.050±0.005)
D
3.81 (0.150)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
0.76 (0.030)
1.65 (0.065)
0.045
(0.095+0.005/-0.010)
E
5.08 (0.200)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
0.76 (0.030)
2.92 (0.115)
0.065
(0.095+0.005/-0.010)
F
5.59 (0.220)
3.43 (0.135)
1.78 (0.070)
3.30±0.13
0.76 (0.030)
3.43 (0.135)
0.125
(0.130±0.005)
G
6.73 (0.265)
2.79 (0.110)
2.79 (0.110)
2.67±0.13
1.27 (0.050)
3.56 (0.140)
0.205
(0.105±0.005)
H
7.24 (0.285)
3.81 (0.150)
2.79 (0.110)
3.68+0.13/-0.51
1.27 (0.050)
4.06 (0.160)
0.035
(0.145+0.005/-0.020)
X
6.93 Max
5.41 Max
2.74 Max
3.05±0.13
1.19 (0.047)
N/A
0.420
(0.273)
(0.213)
(0.108)
(0.120±0.005)
TAZ Series
CWR19 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Capacitance
Rated voltage DC (V
R) at 85ºC
μF
Code
4V (C)
6V (D)
10V (F)
15V (H)
20V (J)
25V (K)
35V (M)
0.10
104
0.15
154
0.22
224
0.33
334
A
0.47
474
A
0.68
684
A
1.0
105
A
A
B
1.5
155
A
B
2.2
225
A
A
B
D
3.3
335
A
A
A
B
D
E
4.7
475
A
A
B/C
B/C/D
E
6.8
685
A
B
B/C/D
D/E
E
F
G
10
106
B
B
B/C/D/E
D/E
E/F
H
15
156
B
B/D/E
D/E
E/F
F
G
22
226
B/D
D/E
E
F
G
G/H
33
336
D/E
E
F
F/G
H
H
47
476
E
F
F/G
G/H
H/X
68
686
E
F/G
G
G/H
100
107
F
G
G/H
H
150
157
G
G
H/X
220
227
H
H
H
330
337
H
H
CWR19-MIL-PRF 55365/11
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)


同様の部品番号 - TAZH686K006CRSB0H00

メーカー部品番号データシート部品情報
logo
AVX Corporation
TAZH107004C AVX-TAZH107004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

同様の説明 - TAZH686K006CRSB0H00

メーカー部品番号データシート部品情報
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TAZ FERROXCUBE-CSV-RM4-1S-6P-TAZ Datasheet
63Kb / 1P
   CSV-RM4-1S-6P-TAZ
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com