データシートサーチシステム |
|
74AHC123A-Q100 データシート(PDF) 5 Page - NXP Semiconductors |
|
74AHC123A-Q100 データシート(HTML) 5 Page - NXP Semiconductors |
5 / 22 page 74AHC_AHCT123A_Q100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 23 May 2013 5 of 22 NXP Semiconductors 74AHC123A-Q100; 74AHCT123A-Q100 Dual retriggerable monostable multivibrator with reset 5. Pinning information 5.1 Pinning 5.2 Pin description (1) This is not a supply pin. The substrate is attached to this pad using conductive die attach material. There is no electrical or mechanical requirement to solder this pad. However, if it is soldered, the solder land should remain floating or be connected to GND. Fig 5. Pin configuration SO16, TSSOP16 Fig 6. Pin configuration DHVQFN16 Table 2. Pin description Symbol Pin Description 1A 1 negative-edge triggered input 1 1B 2 positive-edge triggered input 1 1RD 3 direct reset LOW and positive-edge triggered input 1 1Q 4 active LOW output 1 2Q 5 active HIGH output 2 2CEXT 6 external capacitor connection 2 2REXT/CEXT 7 external resistor and capacitor connection 2 GND 8 ground (0 V) 2A 9 negative-edge triggered input 2 2B 10 positive-edge triggered input 2 2RD 11 direct reset LOW and positive-edge triggered input 2 2Q 12 active LOW output 2 1Q 13 active HIGH output 1 1CEXT 14 external capacitor connection 1 1REXT/CEXT 15 external resistor and capacitor connection 1 VCC 16 supply voltage |
同様の部品番号 - 74AHC123A-Q100 |
|
同様の説明 - 74AHC123A-Q100 |