データシートサーチシステム |
|
TAZH686M004LRSCTH00 データシート(PDF) 9 Page - AVX Corporation |
|
TAZH686M004LRSCTH00 データシート(HTML) 9 Page - AVX Corporation |
9 / 15 page JUNE 2013 ■ 15 A low ESR version of CWR09 and CWR19 that is fully qualified to MIL-PRF-55365/11, the CWR29 series represents the most flexible of surface mount form factors and the optimum power handing for all filtering applications. It is offered in nine case sizes (the original A through H of CWR09 and adding the new X case size). The molded body / compliant termination con- struction ensures no TCE mismatch with any substrate. This construction is compatible with a wide range of SMT board assembly processes including wave or reflow solder, conductive epoxy or compression bonding techniques. The parts also carry full polarity and capacitance / voltage marking. The five smaller cases are characterized by their low profile construction, with the A case being the world’s smallest molded military tantalum chip. The series is qualified to MIL-PRF-55365 Weibull “B”, “C”, “D” and “T” levels, with all surge options (“A”, “B” & “C”) available. For Space Level applications, AVX SRC 9000 qualification is recommended (see ratings table for part number availability). There are four termination finishes available: solder plated, fused solder plated, hot solder dipped and gold plated (these are “H”, “K”, “C” and “B” termination, respectively, per MIL-PRF- 55365). In addition, the molding compound has been selected to meet the requirements of UL94V-0 (Flame Retardancy) and outgassing requirements of NASA SP-R-0022A. The TAZ “X” case size components are considered to be MSL 3 in accordance with J-STD-020. MARKING (White marking on black body) Polarity Stripe (+) Capacitance Code Rated Voltage TAZ Series CWR29 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level Capacitance Rated voltage DC (V R) at 85ºC μF Code 4V (C) 6V (D) 10V (F) 15V (H) 20V (J) 25V (K) 35V (M) 50V (N) 0.10 104 A 0.15 154 A 0.22 224 AB 0.33 334 AA B 0.47 474 A A B C 0.68 684 A A/B B C D 1.0 105 A A A/B B/C D E 1.5 155 A A/B B/C D E F 2.2 225 A A/B A/C B/D D/E F 3.3 335 A A/B A/C B/D D/E E F G 4.7 475 A/B A/C B/C/D B/C/D/E E F G H 6.8 685 A/C B/D B/C/D/E D/E E/F F/G G/H 10 106 B/D B/E B/C/D/E D/E/F E/F G H 15 156 B/E B/D/E D/E/F E/F F/G G/H 22 226 B/D D/E/F E F/G G/H G/H 33 336 D/E/F E F/G F/G/H H H 47 476 E F/G F/G/H G/H H/X 68 686 E/G F/G/H G G/H 100 107 F/H G G/H H 150 157 G G H/X 220 227 H H H 330 337 H H CWR29-MIL-PRF 55365/11 CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE) CASE DIMENSIONS: millimeters (inches) Case Length (L) Width (W) Height (H) Term. Length (A) Typical Code ±0.38 (0.015) ±0.38 (0.015) ±0.38 (0.015) Term. Width (W1) +0.25/-0.13 S min Weight (g) (+0.010/-0.005) A 2.54 (0.100) 1.27 (0.050) 1.27 (0.050) 1.27±0.13 0.76 (0.030) 0.38 (0.015) 0.016 (0.050±0.005) B 3.81 (0.150) 1.27 (0.050) 1.27 (0.050) 1.27±0.13 0.76 (0.030) 1.65 (0.065) 0.025 (0.050±0.005) C 5.08 (0.200) 1.27 (0.050) 1.27 (0.050) 1.27±0.13 0.76 (0.030) 2.92 (0.115) 0.035 (0.050±0.005) D 3.81 (0.150) 2.54 (0.100) 1.27 (0.050) 2.41+0.13/-0.25 0.76 (0.030) 1.65 (0.065) 0.045 (0.095+0.005/-0.010) E 5.08 (0.200) 2.54 (0.100) 1.27 (0.050) 2.41+0.13/-0.25 0.76 (0.030) 2.92 (0.115) 0.065 (0.095+0.005/-0.010) F 5.59 (0.220) 3.43 (0.135) 1.78 (0.070) 3.30±0.13 0.76 (0.030) 3.43 (0.135) 0.125 (0.130±0.005) G 6.73 (0.265) 2.79 (0.110) 2.79 (0.110) 2.67±0.13 1.27 (0.050) 3.56 (0.140) 0.205 (0.105±0.005) H 7.24 (0.285) 3.81 (0.150) 2.79 (0.110) 3.68+0.13/-0.51 1.27 (0.050) 4.06 (0.160) 0.035 (0.145+0.005/-0.020) X 6.93 Max 5.41 Max 2.74 Max 3.05±0.13 1.19 (0.047) N/A 0.420 (0.273) (0.213) (0.108) (0.120±0.005) |
同様の部品番号 - TAZH686M004LRSCTH00 |
|
同様の説明 - TAZH686M004LRSCTH00 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |