データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74485540350 データシート(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74485540350
部品情報  WE-CFWI Coupled Flatwire Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74485540350 データシート(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74485540350 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540350 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540350 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540350 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540350 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540350 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.0
REV
2013-05-02
DATE
SSt
BY
OO
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CFWI Coupled Flatwire Inductor
Order.- No.
74485540350
SIZE
A4
Size: 1310
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Cleaning agents that are used to clean application might damage or change the characteristics of the component, body, pins or termination.
Direct mechanical impact to the product shall be prevented as the iron powder material of the core could flake or in the worst case it could
break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be sustai-
ned.
•All products shall be used before the end of the period of 12 months based on the product date-code, if not a 100% solderability can´t be
warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-CFWI
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74485540350

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74485540080 WURTH-74485540080 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540101 WURTH-74485540101 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540120 WURTH-74485540120 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540170 WURTH-74485540170 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540220 WURTH-74485540220 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
More results

同様の説明 - 74485540350

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74485540680 WURTH-74485540680 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540120 WURTH-74485540120 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540440 WURTH-74485540440 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540101 WURTH-74485540101 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540220 WURTH-74485540220 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540820 WURTH-74485540820 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485542680 WURTH-74485542680 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485542820 WURTH-74485542820 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540080 WURTH-74485540080 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485542101 WURTH-74485542101 Datasheet
216Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com