データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI476X データシート(PDF) 2 Page - Silicon Laboratories

部品番号 SI476X
部品情報  Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI476X データシート(HTML) 2 Page - Silicon Laboratories

  SI476X Datasheet HTML 1Page - Silicon Laboratories SI476X Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automotive AM/FM Tuner
Copyright © 2011 by Silicon Laboratories
11.10.11
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si476x
High Performance Automotive AM/FM Radio Receiver and HD
Radio (HDR) Tuner
Selected Electrical Specifications
Parameter
Test Conditions
Min
Typ
Max
Units
Ambient temperature
–40
25
85
°C
Analog supply voltage 5 V (VA)
4.5
5
5.5
V
Digital supply voltage 3.3 V (VD)
2.7
3.3
3.6
V
Interface supply voltage (VIO1)
1.7
3.3
3.6
V
Interface supply voltage (VIO2)
1.2
3.3
3.6
V
Analog supply current
130
mA
Digital supply current
60
mA
Interface supply current (VIO1)
90
µA
Interface supply current (VIO2)
20
µA
FM
Input frequency
64
108
MHz
Tune time
—0.9
ms
AF scan time
7.5
ms
Seek time/channel
20
ms
Max frequency deviation
150
kHz
AM
Input frequency
510
1710
kHz
Seek time/channel
55
ms
Pin Assignment
IQCLK
23
IQFS
24
IOUT
25
QOUT
26
DIN
27
DFS
28
DCLK
29
BLEND/NC
30
WXI/NC
8
FMI
7
FMO
6
RFREG
5
RFGND
4
FMXIN
3
FMXIP
2
NC
1
NC
10
AMI
9
DBYP
21
VIO2
22
GND PAD
Package Information
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.80
0.85
0.90
E
6.00 BSC
A1
0.00
0.02
0.05
E2
3.95
4.10
4.25
b
0.18
0.25
0.30
L
0.30
0.40
0.50
D
6.00 BSC
L1
0.03
0.05
0.08
D2
3.95
4.10
4.25
aaa
0.10
e
0.50 BSC
bbb
0.10


同様の部品番号 - SI476X

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
More results

同様の説明 - SI476X

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4704 SILABS-SI4704 Datasheet
376Kb / 36P
   Worldwide FM band support (64-108 MHz) integrated antenna support EN55020 compliant
logo
Mitsumi Electronics, Co...
PVC-2LXT-L5 MITSUMI-PVC-2LXT-L5 Datasheet
109Kb / 2P
   Trackingless Type, For AM/FM 2-Band, AM Narrow-Band
logo
TOKO, Inc
TK10931V TOKO-TK10931V Datasheet
527Kb / 26P
   NARROW BAND FM/AM IF SYSTEM
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
   FM/AM
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
   FM / AM
logo
ATMEL Corporation
U2510B ATMEL-U2510B Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
TEMIC Semiconductors
U2510B TEMIC-U2510B Datasheet
400Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com