データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3208 データシート(PDF) 7 Page - Silicon Laboratories

部品番号 SI3208
部品情報  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3208 データシート(HTML) 7 Page - Silicon Laboratories

Back Button SI3208 Datasheet HTML 3Page - Silicon Laboratories SI3208 Datasheet HTML 4Page - Silicon Laboratories SI3208 Datasheet HTML 5Page - Silicon Laboratories SI3208 Datasheet HTML 6Page - Silicon Laboratories SI3208 Datasheet HTML 7Page - Silicon Laboratories SI3208 Datasheet HTML 8Page - Silicon Laboratories SI3208 Datasheet HTML 9Page - Silicon Laboratories SI3208 Datasheet HTML 10Page - Silicon Laboratories SI3208 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
7
Longitudinal Performance
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200 Hz to 1 kHz
58
60
dB
1kHz to 3.4kHz
53
58
dB
Metallic/PCM to Longitudinal Bal-
ance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at TIP or RING
50
Ω
Longitudinal Current per Pin
Active off-hook
200Hz to 3.4kHz
——
30
mA
DC Current
Differential
45
mA
Common Mode
30
mA
Differential + Common Mode
45
mA
Table 4. AC Characteristics (Continued)
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be –10 dBm0. The output signal magnitude at any other frequency is smaller than the maximum value specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
4. VDD1–VDD4 = 3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 Ω, ZS =600 Ω synthesized using RS register
coefficients.
5. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.


同様の部品番号 - SI3208

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3208 SILABS-SI3208 Datasheet
208Kb / 2P
   Dual ProSLIC짰 with DC-DC Controller
More results

同様の説明 - SI3208

メーカー部品番号データシート部品情報
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
   Standard non polarity series for using in polarity reversal circuits
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
logo
List of Unclassifed Man...
C20C20 ETC2-C20C20 Datasheet
564Kb / 2P
   Seams continuously welded and ground smooth; no holes or knockouts
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com