データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3209 データシート(PDF) 8 Page - Silicon Laboratories

部品番号 SI3209
部品情報  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3209 データシート(HTML) 8 Page - Silicon Laboratories

Back Button SI3209 Datasheet HTML 4Page - Silicon Laboratories SI3209 Datasheet HTML 5Page - Silicon Laboratories SI3209 Datasheet HTML 6Page - Silicon Laboratories SI3209 Datasheet HTML 7Page - Silicon Laboratories SI3209 Datasheet HTML 8Page - Silicon Laboratories SI3209 Datasheet HTML 9Page - Silicon Laboratories SI3209 Datasheet HTML 10Page - Silicon Laboratories SI3209 Datasheet HTML 11Page - Silicon Laboratories SI3209 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Si3226/7
Si3208/9
8
Preliminary Rev. 0.33
Table 5. Linefeed Characteristics
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Maximum Loop Resistance
RLOOP
RDC,MAX =430 Ω
ILOOP =18 mA, VBAT = –52V
2000
Ω
DC Loop Current Accuracy
ILIM =18mA
10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC =48V,
VTIP – VRING
——
4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
640
Ω
DC On-Hook Voltage
Accuracy—Ground Start
VOHTO
IRING<ILIM; VRING wrt ground,
VRING =–51 V
——
4
V
DC Output
Resistance—Ground Start
RROTO
IRING<ILIM; RING to ground
160
640
Ω
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
400
k
Ω
Loop Closure Detect
Threshold Accuracy
ITHR =13mA
10
%
Ground Key Detect
Threshold Accuracy
ITHR =13mA
10
%
Ring Trip
Threshold Accuracy
AC detection,
VRING = 70 Vpk, no offset,
ITH =80mA
——
4
mA
DC detection,
20 V dc offset, ITH =13mA
——
1
mA
DC Detection,
48 V DC offset, Rloop = 1500 Ω
——
3
mA
Ringing Amplitude
VRING
Open circuit, VBAT =–110V
108
VPK
5 REN load, RLOOP =0 Ω,
VBAT =–110 V, RDO =160 Ω
99
VPK
Open Circuit, VBAT = –135 V
133
VPK
5 REN load, RLOOP =0 Ω,
VBAT = –130 V, RDO =160 Ω
121
VPK
Sinusoidal Ringing Total
Harmonic Distortion
RTHD
—2
%
Ringing Frequency Accuracy
f = 16 Hz to 100 Hz
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF times
50
ms
Calibration Time
↑CAL to ↓CAL bit
TBD
ms
Loop Voltage Sense
Accuracy
Accuracy of boundaries for
each output Code;
VTIP – VRING =48 V
—2
4
%
*Note: Ringing amplitude is set for 93 V peak and measured at TIP-RING using no series protection resistance.


同様の部品番号 - SI3209

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3209 SILABS-SI3209 Datasheet
208Kb / 2P
   Dual ProSLIC짰 with DC-DC Controller
More results

同様の説明 - SI3209

メーカー部品番号データシート部品情報
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
   Standard non polarity series for using in polarity reversal circuits
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
logo
List of Unclassifed Man...
C20C20 ETC2-C20C20 Datasheet
564Kb / 2P
   Seams continuously welded and ground smooth; no holes or knockouts
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com