データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3401 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI3401
部品情報  Support non-isolated and isolated switching topologies Comprehensive protection circuitry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3401 データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI3401 Datasheet HTML 2Page - Silicon Laboratories SI3401 Datasheet HTML 3Page - Silicon Laboratories SI3401 Datasheet HTML 4Page - Silicon Laboratories SI3401 Datasheet HTML 5Page - Silicon Laboratories SI3401 Datasheet HTML 6Page - Silicon Laboratories SI3401 Datasheet HTML 7Page - Silicon Laboratories SI3401 Datasheet HTML 8Page - Silicon Laboratories SI3401 Datasheet HTML 9Page - Silicon Laboratories SI3401 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si3400/Si3401
6
Rev. 0.9
Table 4. Electrical Characteristics
Parameter
Description
Min
Typ
Max
Unit
VPORT
Detection
2.7
11
V
Classification
14
22
UVLO Turn Off
42
UVLO Turn On
30
36
Transient Surge1
62
79
Input Offset Current
VPORT < 10 V
10
µA
Diode bridge leakage
VPORT = 57 V
25
µA
IPORT Classification2
Class 0
0
4
mA
Class 1
9
12
Class 2
17
20
Class 3
26
30
Class 4
36
44
IPORT Operating Current3
36 V < VPORT < 57 V
2
3.1
mA
Current Limit4
Inrush
130
mA
Operating
350 (Si3400)
470 (Si3401)
525
550
—mA
Hotswap FET On-Resistance +
RSENSE
36 V < VPORT < 57 V
0.5
1.4
Power loss VPORT Threshold
27
30
33
V
Switcher Frequency
350
kHz
Maximum Switcher Duty Cycle5
ISOSSFT connected to
VDD
—50
%
Switching FET On-Resistance
0.3
0.86
Regulated Feedback @ pin FB6
DC Avg.
1.23
V
Regulated Output Voltage Tolerance6
Output voltage tolerance @
VOUT
–5
5
%
Notes:
1. Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied to CT1–CT2 or SP1–SP2. The
shape of the impulse shall have a 300 ns full rise time and a 50 µs half fall time with 201
Ω source impedance.
2. The classification currents are guaranteed only when recommended RCLASS resistors are used, as specified in
Table 10.
3. IPORT includes full operating current of switching regulator controller.
4. The PD interface includes dual-level input current limit. At turn-on, before the HSO load capacitor is charged, the
current limit is set at the inrush level. After the capacitor has been charged within ~1.25 V of VNEG, the operating
current limit is engaged. This higher current limit remains active until the UVLO lower limit has been tripped or until the
hotswap switch is sufficiently current-limited to cause a foldback of the HSO voltage.
5. See “AN296: Using the Si3400/01 PoE PD Controller in Isolated and Non-Isolated Designs” for more information.
6. Applies to non-isolated applications only (VOUT on schematic in Figure 1).


同様の部品番号 - SI3401

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3401-X-GM SILABS-SI3401-X-GM Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
More results

同様の説明 - SI3401

メーカー部品番号データシート部品情報
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V7805W-500R CUI-V7805W-500R Datasheet
405Kb / 5P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S_15 Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT Datasheet
633Kb / 8P
   NON-ISOLATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com