データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3401 データシート(PDF) 9 Page - Silicon Laboratories

部品番号 SI3401
部品情報  Support non-isolated and isolated switching topologies Comprehensive protection circuitry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3401 データシート(HTML) 9 Page - Silicon Laboratories

Back Button SI3401 Datasheet HTML 5Page - Silicon Laboratories SI3401 Datasheet HTML 6Page - Silicon Laboratories SI3401 Datasheet HTML 7Page - Silicon Laboratories SI3401 Datasheet HTML 8Page - Silicon Laboratories SI3401 Datasheet HTML 9Page - Silicon Laboratories SI3401 Datasheet HTML 10Page - Silicon Laboratories SI3401 Datasheet HTML 11Page - Silicon Laboratories SI3401 Datasheet HTML 12Page - Silicon Laboratories SI3401 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Si3400/Si3401
Rev. 0.9
9
Figure 2. Schematic—Class 1 with Isolated 5.0 V Output*
*Note: This is a simplified schematic. See “AN296:
Using the Si3400/01 PoE PD Controller in Isolated and Non-Isolated
Designs” for more details and complete application schematics.
Table 8. Components—Class 1 with Isolated 5.0 V Output
Item
Type
Value
Toler.
Rating
Notes
C1
Capacitor
15 µF
20%
100 V
Switcher supply capacitor. Several paral-
lel capacitors are used for lower ESR.
C2
Capacitor
0.1 µF
20%
100 V
PD input supply capacitor.
C3
Capacitor
1100 µF
20%
10 V
Switcher load capacitor. 100 µF in parallel
1000 µF and optional 1 µH inductor for
additional filtering.
C4
Capacitor
15 nF
10%
16 V
Feedback compensation.
C5
Capacitor
220 nF
10%
16 V
Feedback compensation.
C7
Capacitor
0.1 µF
20%
16 V
VDD bypass capacitor.
C8
Capacitor
1 µF
20%
16 V
Isolated mode soft start (tie ISOSSFT to
VDD if this feature is not used).
R1
Resistor
25.5 k
1%
1/16 W
Detection resistor.
R2
Resistor
4.99 k
1%
1/16 W
Pull-up resistor.
R3
Resistor
100
1%
1/16 W
Feedback compensation resistor.
R4
Resistor
10 k
1%
1/16 W
Feedback compensation resistor.
R5
Resistor
2.05 k
1%
1/16 W
Pull-up resistor.
R6
Resistor
36.5 k
1%
1/16 W
Feedback resistor divider.
R7
Resistor
12.1 k
1%
1/16 W
Feedback resistor divider.
R8
Resistor
127
1%
1/16 W
Classification resistor.
D1
Diode
10 A
40 V
Schottky diode; part no. PN PDS1040.
D2
Diode
1 A
100 V
Snubber diode (1N4148)
D3
Diode
15 V
9 A
Snubber diode (DFLT15A)
T1
Transformer
40 µH
Coilcraft part number FA2672 (5 V).
PS2911
Optocoupler
TLV431
Voltage reference
C1
Si3400
Si3401
RJ-45
To Ethernet PHY
RCL
RDET
CT1
CT2
SP1
SP2
C2
SWO
C3
D1
R5
R7
R6
PS2911
T1
R2
VDD
EROUT
R1
ISOSSFT
R3
C5
C4
R4
C7
R8
D2
D3
C8


同様の部品番号 - SI3401

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3401-X-GM SILABS-SI3401-X-GM Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
More results

同様の説明 - SI3401

メーカー部品番号データシート部品情報
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V7805W-500R CUI-V7805W-500R Datasheet
405Kb / 5P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S_15 Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT Datasheet
633Kb / 8P
   NON-ISOLATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com