データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3400 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI3400
部品情報  Support non-isolated and isolated switching topologies Comprehensive protection circuitry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3400 データシート(HTML) 5 Page - Silicon Laboratories

  SI3400 Datasheet HTML 1Page - Silicon Laboratories SI3400 Datasheet HTML 2Page - Silicon Laboratories SI3400 Datasheet HTML 3Page - Silicon Laboratories SI3400 Datasheet HTML 4Page - Silicon Laboratories SI3400 Datasheet HTML 5Page - Silicon Laboratories SI3400 Datasheet HTML 6Page - Silicon Laboratories SI3400 Datasheet HTML 7Page - Silicon Laboratories SI3400 Datasheet HTML 8Page - Silicon Laboratories SI3400 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si3400/Si3401
Rev. 0.9
5
Table 2. Absolute Maximum Ratings (Transient)1
Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied across CT1–CT2 or SP1–SP2. The shape of
the impulse shall have a 300 ns full rise time and a 50 µs half fall time, with 201
Ω source impedance.
Type
Description
Rating
Unit
Voltage
CT1 to CT2
–82 to 82
V
SP1 to SP2
–82 to 82
VPOS2
–0.7 to 80
HSO
–0.7 to 80
VSS1, VSS2, or VSSA
–0.7 to 80
SWO
–0.7 to 80
PLOSS to VPOS2
–80 to 0.7
RDET
–0.7 to 80
Current
CT1, CT2, SP1, SP2
–5 to 5
A
VPOS2
–5 to 5
ESD3
HBM, all pins
–2 to 2
kV
Notes:
1. Unless otherwise noted, all voltages referenced to VNEG. Permanent device damage may occur if the maximum ratings
are exceeded. Functional operation should be restricted to those conditions specified in the operational sections of this
data sheet. Exposure to absolute maximum rating conditions for extended periods may adversely affect device
reliability.
2. VPOS is equal to VPOSF and VPOSS tied together for test condition purposes.
3. For more information regarding system-level ESD tolerance, refer to “AN315: Robust Electrical Surge Immunity for PoE
PDs through Integrated Protection”.
Table 3. Recommended Operating Conditions
Description
Symbol
Min
Typ
Max
Units
|CT1 – CT2| or |SP1 – SP2|
VPORT
2.8
57
V
Ambient Operating Temperature
TA
–40
25
85
°C
Note: Unless otherwise noted, all voltages referenced to VNEG. All minimum and maximum specifications are guaranteed
and apply across the recommended operating conditions. Typical values apply at nominal supply voltage and ambient
temperature unless otherwise noted.


同様の部品番号 - SI3400

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3400 SILABS-SI3400 Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3400-EVB SILABS-SI3400-EVB Datasheet
225Kb / 14P
   The Si3400, Si3401, and Si3402 non-isolated evaluation
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
Silicon Laboratories
SI3400-X-GM SILABS-SI3400-X-GM Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
More results

同様の説明 - SI3400

メーカー部品番号データシート部品情報
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V7805W-500R CUI-V7805W-500R Datasheet
405Kb / 5P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S_15 Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT Datasheet
633Kb / 8P
   NON-ISOLATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com