データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-063L データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-063L
部品情報  High Speed LVTTL Compatible 3.3 Volt Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-063L データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-063L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-063L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Absolute Maximum Ratings (No Derating Required up to 85˚C)
Parameter
Symbol
Package**
Min.
Max.
Units
Note
Storage Temperature
TS
–55
125
˚C
Operating Temperature†
TA
–40
85
˚C
Average Forward Input Current
IF
Single 8-Pin DIP
20
mA
2
Single SO-8
Dual 8-Pin DIP
15
1, 3
Dual SO-8
Reverse Input Voltage
VR
8-Pin DIP, SO-8
5
V
1
Input Power Dissipation
PI
40
mW
Supply Voltage (1 Minute Maximum)
VCC
7
V
Enable Input Voltage (Not to Exceed
VE
Single 8-Pin DIP
VCC + 0.5
V
VCC by more than 500 mV)
Single SO-8
Enable Input Current
IE
5
mA
Output Collector Current
IO
50
mA
1
Output Collector Voltage
VO
7
V
1
Output Collector Power Dissipation
PO
Single 8-Pin DIP
85
mW
Single SO-8
Dual 8-Pin DIP
60
1, 4
Dual SO-8
**Ratings apply to all devices except otherwise noted in the Package column.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL*
0
250
µA
Input Current, High Level[1]
IFH**
5
15
mA
Power Supply Voltage
VCC
2.7
3.6
V
4.5
5.5
Low Level Enable Voltage
VEL
0
0.8
V
High Level Enable Voltage
VEH
2.0
VCC
V
Operating Temperature
TA
–40
85
˚C
Fan Out (at RL = 1 kΩ)[1]
N
5
TTL Loads
Output Pull-up Resistor
RL
330
4 k
*The off condition can also be guaranteed by ensuring that VFL ≤ 0.8 volts.
**The initial switching threshold is 5 mA or less. It is recommended that 6.3 mA to 10 mA be
used for best performance and to permit at least a 20% LED degradation guardband.


同様の部品番号 - HCPL-063L

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-063L HP-HCPL-063L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-063L AVAGO-HCPL-063L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
HCPL-063L AVAGO-HCPL-063L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-063L AVAGO-HCPL-063L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-063L-000E AVAGO-HCPL-063L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

同様の説明 - HCPL-063L

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com