データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-9031 データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-9031
部品情報  High Speed Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-9031 データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-9031 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Package Outline Drawings
HCPL-9000, HCPL-9030 and HCPL-9031 Standard DIP Packages
HCPL-9000, HCPL-9030 and HCPL-9031 Gull Wing Surface Mount Option 300
5
6
7
8
4
3
2
1
DIMENSIONS: INCHES (MILLIMETERS) MIN
MAX
0.120 (3.048)
0.150 (3.810)
0.240 (6.096)
0.260 (6.604)
0.015 (0.381)
0.035 (0.889)
0.55 (1.397)
0.65 (1.651)
0.008 (0.203)
0.015 (0.381)
°
3
°
8
°
0.030 (0.762)
0.045 (1.143)
0.015 (0.380)
0.023 (0.584)
0.045 (1.143)
0.065 (1.651)
0.090 (2.286)
0.110 (2.794)
0.360 (9.000)
0.400 (10.160)
0.290 (7.366)
0.310 (7.874)
0.300 (7.620)
0.370 (9.398)
0.030 (0.762)
0.045 (1.143)
0.360 (9.000)
0.400 (10.160)
0.240 (6.096)
0.260 (6.604)
8
7
6
5
4
3
2
1
0.045 (1.143)
0.065 (1.651)
0.120 (3.048)
0.150 (3.810)
0.047 (1.194)
0.070 (1.778)
0.040 (1.016)
0.047 (1.194)
0.370 (9.398)
0.390 (9.906)
0.190
(4.826)
0.015 (0.381)
0.025 (0.635)
0.025 (0.632)
0.035 (0.892)
0.030 (0.760)
0.056 (1.400)
0.015 (0.385)
0.035 (0.885)
0.290 (7.370)
0.310 (7.870)
0.370 (9.400)
0.390 (9.900)
PAD LOCATION (for reference only)
TYP.
12
° NOM.
0.008 (0.203)
0.013 (0.330)
0.100
(2.540)
BSC
DIMENSIONS INCHES (MILLIMETERS)
LEAD COPLANARITY = 0.004 INCHES (0.10 mm)
MIN
MAX


同様の部品番号 - HCPL-9031

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-9031 HP-HCPL-9031 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-9031 AVAGO-HCPL-9031 Datasheet
357Kb / 14P
   High Speed Digital Isolators 15 ns max. propagation delay
HCPL-9031-000E AVAGO-HCPL-9031-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-9031-300 AVAGO-HCPL-9031-300 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-9031-300E AVAGO-HCPL-9031-300E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

同様の説明 - HCPL-9031

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com