データシートサーチシステム |
|
HCPL-2201-360 データシート(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-2201-360 データシート(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED |
10 / 18 page 10 Absolute Maximum Ratings Parameter Symbol Min. Max. Units Note Storage Temperature T S -55 125 °C Operating Temperature T A -40 85 °C Average Forward Input Current I F(AVG) 10 mA 1 Peak Transient Input Current (≤ 1 µs Pulse Width, 300 pps) I F(TRAN) 1.0 A 1 (≤ 200 µs Pulse Width, HCNW22XX 40 mA < 1% Duty Cycle) Reverse Input Voltage V R 5 V 1 HCNW22XX 3 Average Output Current I O 25 mA 1 Supply Voltage V CC 0 20 V Output Voltage V O -0.5 20 V 1 Total Package Power Dissipation P T 210 mW 2 HCPL-223X 294 Output Power Dissipation P O See Figure 7 1 Lead Solder Temperature (Through Hole Parts Only) 260°C for 10 sec., 1.6 mm below seating plane HCNW22XX 260°C for 10 sec., up to seating plane Solder Reflow Temperature Profile See Package Outline Drawings section (Surface Mount Parts Only) Recommended Operating Conditions Parameter Symbol Min. Max. Units Power Supply Voltage V CC 4.5 20 V Forward Input Current (ON) I F(ON) 1.6* 5 mA HCPL-223X 1.8† Forward Input Voltage (OFF) V F(OFF) - 0.8 V Operating Temperature T A -40 85 °C Junction Temperature T J -40 125 °C Fan Out N 4 TTL Loads *The initial switching threshold is 1.6 mA or less. It is recommended that 2.2 mA be used to permit at least a 20% LED degradation guardband. †The initial switching threshold is 1.8 mA or less. It is recommended that 2.5 mA be used to permit at least a 20% LED degradation guardband. |
同様の部品番号 - HCPL-2201-360 |
|
同様の説明 - HCPL-2201-360 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |