データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3485 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3485
部品情報  Hysteretic PFET Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3485 データシート(HTML) 10 Page - Texas Instruments

Back Button LM3485 Datasheet HTML 6Page - Texas Instruments LM3485 Datasheet HTML 7Page - Texas Instruments LM3485 Datasheet HTML 8Page - Texas Instruments LM3485 Datasheet HTML 9Page - Texas Instruments LM3485 Datasheet HTML 10Page - Texas Instruments LM3485 Datasheet HTML 11Page - Texas Instruments LM3485 Datasheet HTML 12Page - Texas Instruments LM3485 Datasheet HTML 13Page - Texas Instruments LM3485 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
INPUT VOLTAGE - OUTPUT VOLTAGE (V)
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
L=10PH
L=4.7PH
L=22PH
LM3485
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
www.ti.com
Figure 3. Propagation Delay
The operating frequency and output ripple voltage can also be significantly influenced by the speed up capacitor
(Cff). Cff is connected in parallel with the high side feedback resistor, R1. The location of this capacitor is similar
to where a feed forward capacitor would be located in a PWM control scheme. However it's effect on hysteretic
operation is much different. The output ripple causes a current to be sourced or sunk through this capacitor. This
current is essentially a square wave. Since the input to the feedback pin, FB, is a high impedance node, the
current flows through R2. The end result is a reduction in output ripple and an increase in operating frequency.
When adding Cff, calculate the formula above with
α = 1. The value of Cff depend on the desired operating
frequency and the value of R2. A good starting point is 470pF ceramic at 100kHz decreasing linearly with
increased operating frequency. Also note that as the output voltage is programmed below 2.5V, the effect of Cff
will decrease significantly.
CURRENT LIMIT OPERATION
The LM3485 has a cycle-by-cycle current limit. Current limit is sensed across the VDS of the PFET or across an
additional sense resistor. When current limit is activated, the LM3485 turns off the external PFET for a period of
9µs(typical). The current limit is adjusted by an external resistor, RADJ.
The current limit circuit is composed of the ISENSE comparator and the one-shot pulse generator. The positive
input of the ISENSE comparator is the ADJ pin. An internal 5.5µA current sink creates a voltage across the
external RADJ resistor. This voltage is compared to the voltage across the PFET or sense resistor. The ADJ
voltage can be calculated as follows:
VADJ = VIN − (RADJ * 3.0µA)
(5)
Where 3.0µA is the minimum ICL-ADJ value.
The negative input of the ISENSE comparator is the ISENSE pin that should be connected to the drain of the
external PFET. The inductor current is determined by sensing the VDS. It can be calculated as follows.
VISENSE = VIN − (RDSON * IIND_PEAK) = VIN − VDS
(6)
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM3485


同様の部品番号 - LM3485

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485 Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485-Q1 TI1-LM3485-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

同様の説明 - LM3485

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com