データシートサーチシステム |
|
TLC27M7MD データシート(PDF) 5 Page - Texas Instruments |
|
TLC27M7MD データシート(HTML) 5 Page - Texas Instruments |
5 / 50 page TLC27M2, TLC27M2A, TLC27M2B, TLC27M7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC27M2C TLC27M2AC TLC27M2BC TLC27M7C UNIT A MIN TYP MAX TLC27M2C VO = 1.4 V, VIC = 0, 25 °C 1.1 10 TLC27M2C VO = 1.4 V, RS = 50 Ω, VIC = 0, RI = 100 kΩ Full range 12 mV TLC27M2AC VO = 1.4 V, VIC = 0, 25 °C 0.9 5 mV VIO Input offset voltage TLC27M2AC VO = 1.4 V, RS = 50 Ω, VIC = 0, RI = 100 kΩ Full range 6.5 VIO Input offset voltage TLC27M2BC VO = 1.4 V, VIC = 0, 25 °C 220 2000 TLC27M2BC VO = 1.4 V, RS = 50 Ω, VIC = 0, RI = 100 kΩ Full range 3000 V TLC27M7C VO = 1.4 V, VIC = 0, 25 °C 185 500 µV TLC27M7C VO = 1.4 V, RS = 50 Ω, VIC = 0, RI = 100 kΩ Full range 1500 αVIO Average temperature coefficient of input offset voltage 25 °C to 70 °C 1.7 µV/°C IIO Input offset current (see Note 4) VO = 2.5 V, VIC = 2.5 V 25 °C 0.1 60 pA IIO Input offset current (see Note 4) VO = 2.5 V, VIC = 2.5 V 70 °C 7 300 pA IIB Input bias current (see Note 4) VO = 2.5 V, VIC = 2.5 V 25 °C 0.6 60 pA IIB Input bias current (see Note 4) VO = 2.5 V, VIC = 2.5 V 70 °C 40 600 pA VICR Common-mode input voltage range 25 °C − 0.2 to 4 − 0.3 to 4.2 V VICR Common-mode input voltage range (see Note 5) Full range − 0.2 to 3.5 V 25 °C 3.2 3.9 VOH High-level output voltage VID = 100 mV, RL = 100 kΩ 0 °C 3 3.9 V VOH High-level output voltage VID = 100 mV, RL = 100 kΩ 70 °C 3 4 V 25 °C 0 50 VOL Low-level output voltage VID = − 100 mV, IOL = 0 0 °C 0 50 mV VOL Low-level output voltage VID = − 100 mV, IOL = 0 70 °C 0 50 mV Large-signal differential voltage 25 °C 25 170 AVD Large-signal differential voltage amplification VO = 0.25 V to 2 V, RL = 100 kΩ 0 °C 15 200 V/mV AVD amplification VO = 0.25 V to 2 V, RL = 100 kΩ 70 °C 15 140 V/mV 25 °C 65 91 CMRR Common-mode rejection ratio VIC = VICRmin 0 °C 60 91 dB CMRR Common-mode rejection ratio VIC = VICRmin 70 °C 60 92 dB Supply-voltage rejection ratio 25 °C 70 93 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V 0 °C 60 92 dB kSVR ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V 70 °C 60 94 dB VO = 2.5 V, VIC = 2.5 V, 25 °C 210 560 IDD Supply current (two amplifiers) VO = 2.5 V, No load VIC = 2.5 V, 0 °C 250 640 µA IDD Supply current (two amplifiers) No load 70 °C 170 440 µA † Full range is 0°C to 70°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. |
同様の部品番号 - TLC27M7MD |
|
同様の説明 - TLC27M7MD |